Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2655BCUF-L16PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2655BCUF-L16PBF
Description  Quad I짼C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2655BCUF-L16PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2655BCUF-L16PBF Datasheet HTML 2Page - Linear Technology LTC2655BCUF-L16PBF Datasheet HTML 3Page - Linear Technology LTC2655BCUF-L16PBF Datasheet HTML 4Page - Linear Technology LTC2655BCUF-L16PBF Datasheet HTML 5Page - Linear Technology LTC2655BCUF-L16PBF Datasheet HTML 6Page - Linear Technology LTC2655BCUF-L16PBF Datasheet HTML 7Page - Linear Technology LTC2655BCUF-L16PBF Datasheet HTML 8Page - Linear Technology LTC2655BCUF-L16PBF Datasheet HTML 9Page - Linear Technology LTC2655BCUF-L16PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTC2655
6
2655f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, VOUT unloaded unless otherwise specified.
LTC2655B-L16/LTC2655-L12 (Internal Reference = 1.25V)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference
Reference Output Voltage
1.248
1.25
1.252
V
Reference Temperature Coefficient
(Note 7)
±2
±10
ppm/°C
Reference Line Regulation
VCC ±10%
–80
dB
Reference Short-Circuit Current
VCC = 5.5V, Forcing REFIN/OUT to GND
l
35
mA
REFCOMP Pin Short-Circuit Current
VCC = 5.5V, Forcing REFCOMP to GND
l
65
200
μA
Reference Load Regulation
VCC = 3V±10% or 5V±10%, IOUT = 100μA Sourcing
40
mV/mA
Reference Output Voltage Noise Density
CREFCOMP = CREFIN/OUT = 0.1μF, at f = 1kHz
30
nV/√Hz
Reference Input Range
External Reference Mode (Note 14)
l
0.5
VCC/2
V
Reference Input Current
l
0.001
1
μA
Reference Input Capacitance
(Note 9)
20
pF
Power Supply
VCC
Positive Supply Voltage
For Specified Performance
l
2.7
5.5
V
ICC
Supply Current (Note 8)
VCC = 5V, Internal Reference On
VCC = 5V, Internal Reference Off
VCC = 3V, Internal Reference On
VCC = 3V, Internal Reference Off
l
l
l
l
1.7
1.3
1.6
1.2
2.5
2
2.2
1.7
mA
mA
mA
mA
ISD
Supply Current in Shutdown Mode (Note 8) VCC = 5V
l
3μA
Digital I/O
VIL
Low Level Input Voltage (SDA and SCL)
l
0.3VCC
V
VIH
High Level Input Voltage (SDA and SCL)
l
0.7VCC
V
VIL(LDAC)
Low Level Input Voltage (LDAC)
VCC = 4.5V to 5.5V
l
0.8
V
VCC = 2.7V to 4.5V
l
0.6
V
VIH(LDAC)
High Level Input Voltage (LDAC)
VCC = 3.6V to 5.5V
l
2.4
V
VCC = 2.7V to 3.6V
l
2V
VIL(CA)
Low Level Input Voltage (CA0 to CA2)
See Test Circuit 1
l
0.15VCC
V
VIH(CA)
High Level Input Voltage (CA0 to CA2)
See Test Circuit 1
l
0.85VCC
V
RINH
Resistance from CA
n (n = 0,1,2)
to VCC to Set CAn = VCC
See Test Circuit 2
l
10
RINL
Resistance from CAn (
n = 0,1,2)
to GND to Set CA
n = GND
See Test Circuit 2
l
10
RINF
Resistance from CA
n (n = 0,1,2)
to VCC or GND to Set Can = FLOAT
See Test Circuit 2
l
2MΩ
VOL
Low Level Output Voltage
Sink Current =3mA
l
0
0.4
V
tOF
Output Fall Time
VO = VIH(MIN) to VO = VIL(MAX),
CB = 10pF to 400pF (Note 13)
20+0.1CB
250
ns
tSP
Pulse Width of Spikes Suppressed by Input
Filter
l
050
ns
IIN
Input Leakage
0.1VCC ≤ VIN ≤ 0.9VCC
l
1μA
CIN
I/O Pin Capacitance
(Note 9)
l
10
pF
CB
Capacitance Load for Each Bus Line
l
400
pF
CCAn
External Capacitive Load on Address Pins
CA0, CA1 and CA2
l
10
pF


Similar Part No. - LTC2655BCUF-L16PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2655 LINER-LTC2655 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2655 LINER-LTC2655 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_1 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_15 Datasheet
368Kb / 28P
   Quad I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
More results

Similar Description - LTC2655BCUF-L16PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2654 LINER-LTC2654 Datasheet
339Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2656 LINER-LTC2656 Datasheet
292Kb / 24P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_1 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2654 LINER-LTC2654_15 Datasheet
353Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2657 LINER-LTC2657 Datasheet
1Mb / 24P
   Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_15 Datasheet
368Kb / 28P
   Quad I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2634 LINER-LTC2634 Datasheet
382Kb / 28P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_1 Datasheet
363Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2656 LINER-LTC2656_15 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com