Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM9001IV-ADPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTM9001IV-ADPBF
Description  16-Bit IF/Baseband Receiver Subsystem
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9001IV-ADPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM9001IV-ADPBF Datasheet HTML 3Page - Linear Technology LTM9001IV-ADPBF Datasheet HTML 4Page - Linear Technology LTM9001IV-ADPBF Datasheet HTML 5Page - Linear Technology LTM9001IV-ADPBF Datasheet HTML 6Page - Linear Technology LTM9001IV-ADPBF Datasheet HTML 7Page - Linear Technology LTM9001IV-ADPBF Datasheet HTML 8Page - Linear Technology LTM9001IV-ADPBF Datasheet HTML 9Page - Linear Technology LTM9001IV-ADPBF Datasheet HTML 10Page - Linear Technology LTM9001IV-ADPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LTM9001-Ax/LTM9001-Bx
7
9001fc
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to ground with GND and OGND
wired together (unless otherwise noted).
Note 3: Gain is measured from IN+/INthrough the ADC. The amplifier
gain is attenuated by the filter, (See the typical performance characteristics
section for “IF Frequency Response”).
Note 4: VCC = VDD = 3.3V, fSAMPLE = maximum sample frequency, LVDS
outputs, differential ENC+/ENC= 2VP-P with 1.6V common mode, input
range = –1dBFS with PGA = 0 with differential drive, AC-coupled inputs,
unless otherwise noted.
Note 5: Integral nonlinearity is defined as the deviation of a code from
a “best fit straight line” to the transfer curve. The deviation is measured
from the center of the quantization band.
Note 6: Offset error is the voltage applied between the IN+ and INpins
required to make the output code flicker between 0000 0000 0000 0000
and 1111 1111 1111 1111.
Note 7: Guaranteed by design, not subject to test.
Note 8: Recommended operating conditions.
TIMING CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CMOS Output Mode
tD
ENC to DATA Delay
(Note 7)
l
1.3
2.7
4
ns
tC
ENC to CLKOUT Delay
(Note 7)
l
1.3
2.7
4
ns
tSKEW
DATA to CLKOUT Skew
(tC – tD) (Note 7)
l
–0.6
0
0.6
ns
Data Latency
Full Rate CMOS
Demuxed
7
7
Cycles
Cycles
The
l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 4)


Similar Part No. - LTM9001IV-ADPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9001IV-ADPBF LINER-LTM9001IV-ADPBF Datasheet
851Kb / 28P
   16-Bit IF/Baseband Receiver Subsystem
More results

Similar Description - LTM9001IV-ADPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9001-GA LINER-LTM9001-GA_15 Datasheet
1Mb / 24P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-AX LINER-LTM9001-AX Datasheet
851Kb / 28P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-AX LINER-LTM9001-AX_15 Datasheet
860Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-BX LINER-LTM9001-BX_15 Datasheet
860Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-GA LINER-LTM9001-GA Datasheet
3Mb / 24P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001 LINER-LTM9001 Datasheet
412Kb / 28P
   16-Bit IF/Baseband Receiver Subsystem
LTM9002 LINER-LTM9002_15 Datasheet
352Kb / 28P
   14-Bit Dual-Channel IF/ Baseband Receiver Subsystem
LTM9002 LINER-LTM9002 Datasheet
354Kb / 28P
   14-Bit Dual-Channel IF/Baseband Receiver Subsystem
DC1391 LINER-DC1391_15 Datasheet
87Kb / 1P
   14 BIT IF SAMPLING RECEIVER SUBSYSTEM
logo
Analog Devices
AD6676 AD-AD6676 Datasheet
2Mb / 90P
   Wideband IF Receiver Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com