Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF081A-MH-T Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT25DF081A-MH-T
Description  8-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF081A-MH-T Datasheet(HTML) 4 Page - ATMEL Corporation

  AT25DF081A-MH-T Datasheet HTML 1Page - ATMEL Corporation AT25DF081A-MH-T Datasheet HTML 2Page - ATMEL Corporation AT25DF081A-MH-T Datasheet HTML 3Page - ATMEL Corporation AT25DF081A-MH-T Datasheet HTML 4Page - ATMEL Corporation AT25DF081A-MH-T Datasheet HTML 5Page - ATMEL Corporation AT25DF081A-MH-T Datasheet HTML 6Page - ATMEL Corporation AT25DF081A-MH-T Datasheet HTML 7Page - ATMEL Corporation AT25DF081A-MH-T Datasheet HTML 8Page - ATMEL Corporation AT25DF081A-MH-T Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
4
8715B–SFLSH–8/10
Atmel AT25DF081A [Preliminary]
3.
Block Diagram
Figure 3-1.
Block Diagram
V
CC
DEVICE POWER SUPPLY: The V
CC pin is used to supply the source voltage to the device.
Operations at invalid V
CC voltages may produce spurious results and should not be
attempted.
-Power
GND
GROUND: The ground reference for the power supply. GND should be connected to the
system ground.
-Power
Table 2-1.
Pin Descriptions (Continued)
Symbol
Name and Function
Asserted
State
Type
Figure 2-1.
8-SOIC (Top View)
Figure 2-2.
8-UDFN (Top View)
CS
SO (SOI)
WP
GND
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI (SIO)
CS
SO (SOI)
WP
GND
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI (SIO)
FLASH
MEMORY
ARRAY
Y-GATING
CS
SCK
SO (SOI)
SI (SIO)
Y-DECODER
X-DECODER
I/O BUFFERS
AND LATCHES
CONTROL AND
PROTECTION LOGIC
SRAM
DATA BUFFER
WP
INTERFACE
CONTROL
AND
LOGIC
HOLD


Similar Part No. - AT25DF081A-MH-T

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25DF081A-MH-T DIALOG-AT25DF081A-MH-T Datasheet
1Mb / 54P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
More results

Similar Description - AT25DF081A-MH-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF641A ATMEL-AT25DF641A Datasheet
1Mb / 57P
   64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
Renesas Technology Corp
AT25DF321A RENESAS-AT25DF321A Datasheet
1Mb / 51P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
02/2019
logo
List of Unclassifed Man...
AT25DF321A ETC2-AT25DF321A Datasheet
1Mb / 53P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
ATMEL Corporation
AT25DF321A ATMEL-AT25DF321A_10 Datasheet
2Mb / 52P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF641 ETC2-AT25DF641_13 Datasheet
703Kb / 56P
   Minimum Serial Peripheral Interface Serial Flash Memory
AT25DF081A ETC2-AT25DF081A Datasheet
1Mb / 54P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT25DF081A DIALOG-AT25DF081A Datasheet
1Mb / 54P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT25DF081A RENESAS-AT25DF081A Datasheet
1Mb / 53P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
2/2022
logo
List of Unclassifed Man...
AT25DF641A ETC2-AT25DF641A Datasheet
2Mb / 58P
   64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual.I/O Support
logo
Renesas Technology Corp
AT25DF641A RENESAS-AT25DF641A Datasheet
2Mb / 57P
   64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual–I/O Support
02/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com