Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF081A-SSH-B Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT25DF081A-SSH-B
Description  8-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF081A-SSH-B Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT25DF081A-SSH-B Datasheet HTML 2Page - ATMEL Corporation AT25DF081A-SSH-B Datasheet HTML 3Page - ATMEL Corporation AT25DF081A-SSH-B Datasheet HTML 4Page - ATMEL Corporation AT25DF081A-SSH-B Datasheet HTML 5Page - ATMEL Corporation AT25DF081A-SSH-B Datasheet HTML 6Page - ATMEL Corporation AT25DF081A-SSH-B Datasheet HTML 7Page - ATMEL Corporation AT25DF081A-SSH-B Datasheet HTML 8Page - ATMEL Corporation AT25DF081A-SSH-B Datasheet HTML 9Page - ATMEL Corporation AT25DF081A-SSH-B Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
6
8715B–SFLSH–8/10
Atmel AT25DF081A [Preliminary]
5.
Device Operation
The Atmel® AT25DF081A is controlled by a set of instructions that are sent from a host controller, commonly
referred to as the SPI Master. The SPI Master communicates with the AT25DF081A via the SPI bus which is com-
prised of four signal lines: Chip Select (CS), Serial Clock (SCK), Serial Input (SI), and Serial Output (SO).
The AT25DF081A features a dual-input program mode in which the SO pin becomes an input. Similarly, the device
also features a dual-output read mode in which the SI pin becomes an output. In the Dual-Input Byte/Page Pro-
gram command description, the SO pin will be referred to as the SOI (Serial Output/Input) pin, and in the Dual-
Output Read Array command, the SI pin will be referenced as the SIO (Serial Input/Output) pin.
The SPI protocol defines a total of four modes of operation (mode 0, 1, 2, or 3) with each mode differing in respect
to the SCK polarity and phase and how the polarity and phase control the flow of data on the SPI bus. The
AT25DF081A supports the two most common modes, SPI Modes 0 and 3. The only difference between SPI Modes
0 and 3 is the polarity of the SCK signal when in the inactive state (when the SPI Master is in standby mode and
not transferring any data). With SPI Modes 0 and 3, data is always latched in on the rising edge of SCK and
always output on the falling edge of SCK.
Figure 5-1.
SPI Mode 0 and 3
6.
Commands and Addressing
A valid instruction or operation must always be started by first asserting the CS pin. After the CS pin has been
asserted, the host controller must then clock out a valid 8-bit opcode on the SPI bus. Following the opcode, instruc-
tion dependent information such as address and data bytes would then be clocked out by the host controller. All
opcode, address, and data bytes are transferred with the most-significant bit (MSB) first. An operation is ended by
deasserting the CS pin.
Opcodes not supported by the AT25DF081A will be ignored by the device and no operation will be started. The
device will continue to ignore any data presented on the SI pin until the start of the next operation (CS pin being
deasserted and then reasserted). In addition, if the CS pin is deasserted before complete opcode and address
information is sent to the device, then no operation will be performed and the device will simply return to the idle
state and wait for the next operation.
Addressing of the device requires a total of three bytes of information to be sent, representing address bits A23-A0.
Since the upper address limit of the AT25DF081A memory array is 0FFFFFh, address bits A23-A20 are always
ignored by the device.
SCK
CS
SI
SO
MSB
LSB
MSB
LSB


Similar Part No. - AT25DF081A-SSH-B

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25DF081A-SSH-B DIALOG-AT25DF081A-SSH-B Datasheet
1Mb / 54P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
More results

Similar Description - AT25DF081A-SSH-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF641A ATMEL-AT25DF641A Datasheet
1Mb / 57P
   64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
Renesas Technology Corp
AT25DF321A RENESAS-AT25DF321A Datasheet
1Mb / 51P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
02/2019
logo
List of Unclassifed Man...
AT25DF321A ETC2-AT25DF321A Datasheet
1Mb / 53P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
ATMEL Corporation
AT25DF321A ATMEL-AT25DF321A_10 Datasheet
2Mb / 52P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF641 ETC2-AT25DF641_13 Datasheet
703Kb / 56P
   Minimum Serial Peripheral Interface Serial Flash Memory
AT25DF081A ETC2-AT25DF081A Datasheet
1Mb / 54P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT25DF081A DIALOG-AT25DF081A Datasheet
1Mb / 54P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT25DF081A RENESAS-AT25DF081A Datasheet
1Mb / 53P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
2/2022
logo
List of Unclassifed Man...
AT25DF641A ETC2-AT25DF641A Datasheet
2Mb / 58P
   64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual.I/O Support
logo
Renesas Technology Corp
AT25DF641A RENESAS-AT25DF641A Datasheet
2Mb / 57P
   64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual–I/O Support
02/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com