Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF081A-SH-B Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT25DF081A-SH-B
Description  8-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF081A-SH-B Datasheet(HTML) 2 Page - ATMEL Corporation

  AT25DF081A-SH-B Datasheet HTML 1Page - ATMEL Corporation AT25DF081A-SH-B Datasheet HTML 2Page - ATMEL Corporation AT25DF081A-SH-B Datasheet HTML 3Page - ATMEL Corporation AT25DF081A-SH-B Datasheet HTML 4Page - ATMEL Corporation AT25DF081A-SH-B Datasheet HTML 5Page - ATMEL Corporation AT25DF081A-SH-B Datasheet HTML 6Page - ATMEL Corporation AT25DF081A-SH-B Datasheet HTML 7Page - ATMEL Corporation AT25DF081A-SH-B Datasheet HTML 8Page - ATMEL Corporation AT25DF081A-SH-B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
2
8715B–SFLSH–8/10
Atmel AT25DF081A [Preliminary]
1.
Description
The Atmel® AT25DF081A is a serial interface Flash memory device designed for use in a wide variety of high-vol-
ume consumer based applications in which program code is shadowed from Flash memory into embedded or
external RAM for execution. The flexible erase architecture of the AT25DF081A, with its erase granularity as small
as 4-Kbytes, makes it ideal for data storage as well, eliminating the need for additional data storage EEPROM
devices.
The physical sectoring and the erase block sizes of the AT25DF081A have been optimized to meet the needs of
today's code and data storage applications. By optimizing the size of the physical sectors and erase blocks, the
memory space can be used much more efficiently. Because certain code modules and data storage segments
must reside by themselves in their own protected sectors, the wasted and unused memory space that occurs with
large sectored and large block erase Flash memory devices can be greatly reduced. This increased memory space
efficiency allows additional code routines and data storage segments to be added while still maintaining the same
overall device density.
The AT25DF081A also offers a sophisticated method for protecting individual sectors against erroneous or mali-
cious program and erase operations. By providing the ability to individually protect and unprotect sectors, a system
can unprotect a specific sector to modify its contents while keeping the remaining sectors of the memory array
securely protected. This is useful in applications where program code is patched or updated on a subroutine or
module basis, or in applications where data storage segments need to be modified without running the risk of
errant modifications to the program code segments. In addition to individual sector protection capabilities, the
AT25DF081A incorporates Global Protect and Global Unprotect features that allow the entire memory array to be
either protected or unprotected all at once. This reduces overhead during the manufacturing process since sectors
do not have to be unprotected one-by-one prior to initial programming.
To take code and data protection to the next level, the AT25DF081A incorporates a sector lockdown mechanism
that allows any combination of individual 64-Kbyte sectors to be locked down and become permanently read-only.
This addresses the need of certain secure applications that require portions of the Flash memory array to be per-
manently protected against malicious attempts at altering program code, data modules, security information, or
encryption/decryption algorithms, keys, and routines. The device also contains a specialized OTP (One-Time Pro-
grammable) Security Register that can be used for purposes such as unique device serialization, system-level
Electronic Serial Number (ESN) storage, locked key storage, etc.
Specifically designed for use in 3-volt systems, the AT25DF081A supports read, program, and erase operations
with a supply voltage range of 2.7V to 3.6V. No separate voltage is required for programming and erasing.


Similar Part No. - AT25DF081A-SH-B

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25DF081A-SH-B DIALOG-AT25DF081A-SH-B Datasheet
1Mb / 54P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
More results

Similar Description - AT25DF081A-SH-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF641A ATMEL-AT25DF641A Datasheet
1Mb / 57P
   64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
Renesas Technology Corp
AT25DF321A RENESAS-AT25DF321A Datasheet
1Mb / 51P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
02/2019
logo
List of Unclassifed Man...
AT25DF321A ETC2-AT25DF321A Datasheet
1Mb / 53P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
ATMEL Corporation
AT25DF321A ATMEL-AT25DF321A_10 Datasheet
2Mb / 52P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF641 ETC2-AT25DF641_13 Datasheet
703Kb / 56P
   Minimum Serial Peripheral Interface Serial Flash Memory
AT25DF081A ETC2-AT25DF081A Datasheet
1Mb / 54P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT25DF081A DIALOG-AT25DF081A Datasheet
1Mb / 54P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT25DF081A RENESAS-AT25DF081A Datasheet
1Mb / 53P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
2/2022
logo
List of Unclassifed Man...
AT25DF641A ETC2-AT25DF641A Datasheet
2Mb / 58P
   64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual.I/O Support
logo
Renesas Technology Corp
AT25DF641A RENESAS-AT25DF641A Datasheet
2Mb / 57P
   64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual–I/O Support
02/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com