Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF641A-SH-B Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT25DF641A-SH-B
Description  64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF641A-SH-B Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT25DF641A-SH-B Datasheet HTML 2Page - ATMEL Corporation AT25DF641A-SH-B Datasheet HTML 3Page - ATMEL Corporation AT25DF641A-SH-B Datasheet HTML 4Page - ATMEL Corporation AT25DF641A-SH-B Datasheet HTML 5Page - ATMEL Corporation AT25DF641A-SH-B Datasheet HTML 6Page - ATMEL Corporation AT25DF641A-SH-B Datasheet HTML 7Page - ATMEL Corporation AT25DF641A-SH-B Datasheet HTML 8Page - ATMEL Corporation AT25DF641A-SH-B Datasheet HTML 9Page - ATMEL Corporation AT25DF641A-SH-B Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
6
8693A–DFLASH–8/10
Atmel AT25DF641A [Preliminary]
Figure 4-1.
Memory Architecture Diagram
Internal Sectoring for
64KB
32KB
4KB
1-256 Byte
Protection, Lockdown,
Block Erase
Block Erase
Block Erase
Page Program
and Suspend Functions
(D8h Command)
(52h Command)
(20h Command)
(02h Command)
4KB
7F FFFFh – 7FF000h
256 Bytes
7FFFFFh – 7FFF00h
4KB
7F EFFFh – 7FE000h
256 Bytes
7FFE FFh – 7FFE 00h
4KB
7F DFFFh – 7FD000h
256 Bytes
7FFDFFh – 7FFD00h
4KB
7F CFFFh – 7FC000h
256 Bytes
7FFCFFh – 7FFC00h
4KB
7F BF FFh – 7FB000h
256 Bytes
7FFBFFh – 7FFB00h
4KB
7F AF F F h – 7F A000h
256 Bytes
7FFAFFh – 7FFA00h
4KB
7F 9FFFh – 7F9000h
256 Bytes
7FF9FFh – 7FF900h
4KB
7F 8FFFh – 7F8000h
256 Bytes
7FF8FFh – 7FF800h
4KB
7F 7FFFh – 7F7000h
256 Bytes
7FF7FFh – 7FF700h
4KB
7F 6FFFh – 7F6000h
256 Bytes
7FF6FFh – 7FF600h
4KB
7F 5FFFh – 7F5000h
256 Bytes
7FF5FFh – 7FF500h
4KB
7F 4FFFh – 7F4000h
256 Bytes
7FF4FFh – 7FF400h
4KB
7F 3FFFh – 7F3000h
256 Bytes
7FF3FFh – 7FF300h
4KB
7F 2FFFh – 7F2000h
256 Bytes
7FF2FFh – 7FF200h
4KB
7F 1FFFh – 7F1000h
256 Bytes
7FF1FFh – 7FF100h
4KB
7F 0FFFh – 7F0000h
256 Bytes
7FF0FFh – 7FF000h
4KB
7E F F F F h – 7E F 000h
256 Bytes
7F E F F F h – 7F E F 00h
4KB
7E E F F F h– 7E E 000h
256 Bytes
7F E E F F h– 7F E E 00h
4KB
7E DF F F h – 7E D000h
256 Bytes
7F E DF F h – 7F E D00h
4KB
7E CF F F h – 7E C000h
256 Bytes
7F E CF F h – 7F E C00h
4KB
7E BF F F h – 7E B000h
256 Bytes
7F EBFFh – 7FEB00h
4KB
7E AF F F h – 7E A000h
256 Bytes
7F EAFFh – 7FEA00h
4KB
7E 9F F F h – 7E 9000h
256 Bytes
7F E 9F F h – 7F E 900h
4KB
7E 8F F F h – 7E 8000h
256 Bytes
7F E 8F F h – 7F E 800h
4KB
7E 7F F F h – 7E 7000h
4KB
7E 6F F F h – 7E 6000h
4KB
7E 5F F F h – 7E 5000h
4KB
7E 4F F F h – 7E 4000h
256 Bytes
0017F F h – 001700h
4KB
7E 3F F F h – 7E 3000h
256 Bytes
0016F F h – 001600h
4KB
7E 2F F F h – 7E 2000h
256 Bytes
0015F F h – 001500h
4KB
7E 1F F F h – 7E 1000h
256 Bytes
0014F F h – 001400h
4KB
7E 0F F F h – 7E 0000h
256 Bytes
0013F F h – 001300h
256 Bytes
0012F F h – 001200h
256 Bytes
0011F F h – 001100h
256 Bytes
0010F F h – 001000h
4KB
00FFFFh – 00F 000h
256 Bytes
000F F F h – 000F 00h
4KB
00E F F F h – 00E 000h
256 Bytes
000E F F h – 000E 00h
4KB
00DF F F h – 00D000h
256 Bytes
000DF F h – 000D00h
4KB
00CF F F h – 00C000h
256 Bytes
000CF F h – 000C00h
4KB
00BF F F h – 00B000h
256 Bytes
000BF F h – 000B00h
4KB
00AF F F h – 00A000h
256 Bytes
000AF F h – 000A00h
4KB
009F F F h – 009000h
256 Bytes
0009F F h – 000900h
4KB
008F F F h – 008000h
256 Bytes
0008F F h – 000800h
4KB
007F F F h – 007000h
256 Bytes
0007F F h – 000700h
4KB
006F F F h – 006000h
256 Bytes
0006F F h – 000600h
4KB
005F F F h – 005000h
256 Bytes
0005F F h – 000500h
4KB
004F F F h – 004000h
256 Bytes
0004F F h – 000400h
4KB
003F F F h – 003000h
256 Bytes
0003F F h – 000300h
4KB
002F F F h – 002000h
256 Bytes
0002F F h – 000200h
4KB
001F F F h – 001000h
256 Bytes
0001F F h – 000100h
4KB
000F F F h – 000000h
256 Bytes
0000F F h – 000000h
64KB
64KB
32KB
32KB
Range
Range
Page Program Detail
Page Address
Block Address
64KB
64KB
(Sector 127)
Block Erase Detail
32KB
32KB
64KB
(Sector 0)
32KB
32KB
64KB
(Sector 126)


Similar Part No. - AT25DF641A-SH-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DF641A-SH-B ETC2-AT25DF641A-SH-B Datasheet
2Mb / 58P
   64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual.I/O Support
logo
Dialog Semiconductor
AT25DF641A-SH-B DIALOG-AT25DF641A-SH-B Datasheet
869Kb / 58P
   64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual?밒/O Support
More results

Similar Description - AT25DF641A-SH-B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
AT25DF321A RENESAS-AT25DF321A Datasheet
1Mb / 51P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
02/2019
logo
ATMEL Corporation
AT25DF081A ATMEL-AT25DF081A Datasheet
1Mb / 53P
   8-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF321A ETC2-AT25DF321A Datasheet
1Mb / 53P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
ATMEL Corporation
AT25DF321A ATMEL-AT25DF321A_10 Datasheet
2Mb / 52P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF641 ETC2-AT25DF641_13 Datasheet
703Kb / 56P
   Minimum Serial Peripheral Interface Serial Flash Memory
AT25DF081A ETC2-AT25DF081A Datasheet
1Mb / 54P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT25DF081A DIALOG-AT25DF081A Datasheet
1Mb / 54P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT25DF081A RENESAS-AT25DF081A Datasheet
1Mb / 53P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
2/2022
logo
List of Unclassifed Man...
AT25DF641A ETC2-AT25DF641A Datasheet
2Mb / 58P
   64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual.I/O Support
logo
Renesas Technology Corp
AT25DF641A RENESAS-AT25DF641A Datasheet
2Mb / 57P
   64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual–I/O Support
02/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com