Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF22V10CQZ Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATF22V10CQZ
Description  High-performance Electrically Erasable Programmable Logic Device
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22V10CQZ Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATF22V10CQZ Datasheet HTML 3Page - ATMEL Corporation ATF22V10CQZ Datasheet HTML 4Page - ATMEL Corporation ATF22V10CQZ Datasheet HTML 5Page - ATMEL Corporation ATF22V10CQZ Datasheet HTML 6Page - ATMEL Corporation ATF22V10CQZ Datasheet HTML 7Page - ATMEL Corporation ATF22V10CQZ Datasheet HTML 8Page - ATMEL Corporation ATF22V10CQZ Datasheet HTML 9Page - ATMEL Corporation ATF22V10CQZ Datasheet HTML 10Page - ATMEL Corporation ATF22V10CQZ Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
0778L–PLD–8/10
Atmel ATF22V10C(Q)Z
8.
Input and I/O Pull-ups
All Atmel® ATF22V10CZ/CQZ family members have internal input and I/O pin-keeper circuits. Therefore, whenever
inputs or I/Os are not being driven externally, they will maintain their last driven state. This ensures that all logic
array inputs and device outputs are at known states. These are relatively weak active circuits that can be easily
overridden by TTL-compatible drivers (see input and I/O diagrams below).
Figure 8-1.
Input Diagram
Figure 8-2.
I/O Diagram
100K
V
CC
ESD
PROTECTION
CIRCUIT
INPUT
100K
VCC
VCC
DATA
OE
I/O
INPUT


Similar Part No. - ATF22V10CQZ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10CQZ ATMEL-ATF22V10CQZ Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10CQZ-20JC ATMEL-ATF22V10CQZ-20JC Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10CQZ-20JC ATMEL-ATF22V10CQZ-20JC Datasheet
280Kb / 20P
   Highperformance EE PLD
ATF22V10CQZ-20JI ATMEL-ATF22V10CQZ-20JI Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10CQZ-20JI ATMEL-ATF22V10CQZ-20JI Datasheet
280Kb / 20P
   Highperformance EE PLD
More results

Similar Description - ATF22V10CQZ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B_10 Datasheet
628Kb / 16P
   High-performance Electrically Erasable Programmable Logic Device
ATF22LV10C ATMEL-ATF22LV10C Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
ATF22LV10CZ ATMEL-ATF22LV10CZ_10 Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
ATF22V10C ATMEL-ATF22V10C_10 Datasheet
1Mb / 22P
   High-performance Electrically Erasable Programmable Logic Device
ATF2500C ATMEL-ATF2500C_14 Datasheet
620Kb / 24P
   High-performance, High-density, Electrically-erasable Programmable Logic Device
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com