Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDD081SCTA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # VDD081SCTA
Description  CMOS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VDD081SCTA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  VDD081SCTA Datasheet HTML 1Page - List of Unclassifed Manufacturers VDD081SCTA Datasheet HTML 2Page - List of Unclassifed Manufacturers VDD081SCTA Datasheet HTML 3Page - List of Unclassifed Manufacturers VDD081SCTA Datasheet HTML 4Page - List of Unclassifed Manufacturers VDD081SCTA Datasheet HTML 5Page - List of Unclassifed Manufacturers VDD081SCTA Datasheet HTML 6Page - List of Unclassifed Manufacturers VDD081SCTA Datasheet HTML 7Page - List of Unclassifed Manufacturers VDD081SCTA Datasheet HTML 8Page - List of Unclassifed Manufacturers VDD081SCTA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
AnaSem Inc.
1
Rev. C09-09
产品规格书
AnaSem
安纳森半导体
.......... Future of the analog world
低电压
, 低功耗, ±1% 高精度电压检测内置延迟电路 CMOS 电压检测器
VDD 系列
概述
VDD系列乃用于低电压范围的低功耗,高检测精度的内置延迟电路电压
检测器
. VDD系列达成的检测精度是以集成电路内以温度系数调整的高准
确率参考电压值来作基准。本集成电路采用最新的
CMOS生产技术和激
光微调技术,与精锐的生产监控。因为内置有延迟电路,延迟检测时间
不需配合外围元件便可以原厂设定之延迟时间范围来选择。
特点
检测电压范围
··································································
工作电压范围
··································································
高精度电压检测
·····················································
电压检测温度特征
··································································
延迟时间选择
·························································································
输出类别
·························································································
低功耗
··································································
工作温度范围
··································································
小型封装
·························································································
应用范围
微型处理器的从设程序
各类系统的开动从设
电池充电检测
各类系统备用电源,电池开关控制
电池寿命检测
延迟电路设计
无卤素
RoHS
符合标准
1.8V~6.0V (selectable with a step of 0.1V)
0.7V~6.0V
±1% (VDET=1.8V~6.0V)
Typ. ±20ppm/°C (VDET=1.8V~6.0V)
S/10~50ms, M/50~200ms, L/80~400ms
CMOS or N-channel open drain
Typ. 0.6µA (VIN=1.5V)
–40°C ~ +85°C
SOT-23 (400mW), SON-4 (400mW)


Similar Part No. - VDD081SCTA

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
VDD PERICOM-VDD Datasheet
317Kb / 9P
   Low Power Spread Spectrum Frequency Multiplier SSCG-GP Family
logo
AnaSem Hong Kong Limite...
VDD ANASEM-VDD Datasheet
1Mb / 20P
   Low voltage, Low power, 짹1% High detect accuracy CMOS Voltage Detector with Delay circuit
Rev. E13-01
VDD181LCTA ANASEM-VDD181LCTA Datasheet
1Mb / 20P
   Low voltage, Low power, 짹1% High detect accuracy CMOS Voltage Detector with Delay circuit
Rev. E13-01
VDD181LNTA ANASEM-VDD181LNTA Datasheet
1Mb / 20P
   Low voltage, Low power, 짹1% High detect accuracy CMOS Voltage Detector with Delay circuit
Rev. E13-01
VDD181MCTA ANASEM-VDD181MCTA Datasheet
1Mb / 20P
   Low voltage, Low power, 짹1% High detect accuracy CMOS Voltage Detector with Delay circuit
Rev. E13-01
More results

Similar Description - VDD081SCTA

ManufacturerPart #DatasheetDescription
logo
Rohm
BD49K24G-TL ROHM-BD49K24G-TL Datasheet
507Kb / 18P
   Standard CMOS Standard CMOS
logo
List of Unclassifed Man...
VDA ETC2-VDA Datasheet
1Mb / 20P
   CMOS
logo
Nel Frequency Controls,...
HS-A370 NEL-HS-A370 Datasheet
257Kb / 2P
   CMOS
AC-A1460 NEL-AC-A1460 Datasheet
38Kb / 2P
   CMOS
logo
List of Unclassifed Man...
HA1630Q01 ETC-HA1630Q01 Datasheet
216Kb / 7P
   CMOS
logo
Nel Frequency Controls,...
SJ-A370 NEL-SJ-A370 Datasheet
258Kb / 2P
   CMOS
logo
List of Unclassifed Man...
VRD ETC2-VRD Datasheet
3Mb / 36P
   CMOS
VRR ETC2-VRR Datasheet
2Mb / 29P
   CMOS
logo
Shenzhen Titan Micro El...
TM74HC595 TITAN-TM74HC595 Datasheet
753Kb / 7P
   CMOS
TM74HC04 TITAN-TM74HC04 Datasheet
181Kb / 6P
   CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com