Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA256A3 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATXMEGA256A3
Description  8/16-bit AVR XMEGA A3 Microcontroller
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA256A3 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATXMEGA256A3 Datasheet HTML 1Page - ATMEL Corporation ATXMEGA256A3 Datasheet HTML 2Page - ATMEL Corporation ATXMEGA256A3 Datasheet HTML 3Page - ATMEL Corporation ATXMEGA256A3 Datasheet HTML 4Page - ATMEL Corporation ATXMEGA256A3 Datasheet HTML 5Page - ATMEL Corporation ATXMEGA256A3 Datasheet HTML 6Page - ATMEL Corporation ATXMEGA256A3 Datasheet HTML 7Page - ATMEL Corporation ATXMEGA256A3 Datasheet HTML 8Page - ATMEL Corporation ATXMEGA256A3 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 110 page
background image
2
8068R–AVR–08/10
XMEGA A3
1.
Ordering Information
Notes:
1.
This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information.
2.
Pb-free packaging, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also Halide free and fully Green.
3.
For packaging information, see ”Packaging information” on page 61.
Ordering Code
Flash
E2
SRAM
Speed (MHz)
Power Supply
Package(1)(2)(3)
Temp
ATxmega256A3-AU
256 KB + 8 KB
4 KB
16 KB
32
1.6 - 3.6V
64A
-40
°C - 85°C
ATxmega192A3-AU
192 KB + 8 KB
2 KB
16 KB
32
1.6 - 3.6V
ATxmega128A3-AU
128 KB + 8 KB
2 KB
8 KB
32
1.6 - 3.6V
ATxmega64A3-AU
64 KB + 4 KB
2 KB
4 KB
32
1.6 - 3.6V
ATxmega256A3-MH
256 KB + 8 KB
4 KB
16 KB
32
1.6 - 3.6V
64M2
ATxmega192A3-MH
192 KB + 8 KB
2 KB
16 KB
32
1.6 - 3.6V
ATxmega128A3-MH
128 KB + 8 KB
2 KB
8 KB
32
1.6 - 3.6V
ATxmega64A3-MH
64 KB + 4 KB
2 KB
4 KB
32
1.6 - 3.6V
Package Type
64A
64-lead, 14 x 14 mm Body Size, 1.0 mm Body Thickness, 0.8 mm Lead Pitch, Thin Profile Plastic Quad Flat Package (TQFP)
64M2
64-Pad, 9 x 9 x 1.0 mm Body, Lead Pitch 0.50 mm, 7.65 mm Exposed Pad, Quad Flat No-Lead Package (QFN)


Similar Part No. - ATXMEGA256A3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA256A3 ATMEL-ATXMEGA256A3 Datasheet
979Kb / 76P
   8/16-bit XMEGA A3 Microcontroller
ATxmega256A3 ATMEL-ATxmega256A3 Datasheet
3Mb / 108P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA256A3 ATMEL-ATXMEGA256A3 Datasheet
3Mb / 134P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA256A3-AU ATMEL-ATXMEGA256A3-AU Datasheet
979Kb / 76P
   8/16-bit XMEGA A3 Microcontroller
ATxmega256A3-AU ATMEL-ATxmega256A3-AU Datasheet
3Mb / 108P
   8/16-bit XMEGA A3 Microcontroller
More results

Similar Description - ATXMEGA256A3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA256A3 ATMEL-ATXMEGA256A3_09 Datasheet
3Mb / 108P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA256A3_1012 ATMEL-ATXMEGA256A3_1012 Datasheet
3Mb / 134P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA256A3 ATMEL-ATXMEGA256A3 Datasheet
979Kb / 76P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA256D3 ATMEL-ATXMEGA256D3 Datasheet
3Mb / 98P
   8/16-bit AVR XMEGA D3 Microcontroller
ATXMEGA128D4 ATMEL-ATXMEGA128D4 Datasheet
3Mb / 100P
   8/16-bit AVR XMEGA D4 Microcontroller
ATXMEGA64D3 ATMEL-ATXMEGA64D3_14 Datasheet
3Mb / 86P
   8/16-bit Atmel AVR XMEGA D3 Microcontroller
ATXMEGA8E5 ATMEL-ATXMEGA8E5_14 Datasheet
2Mb / 147P
   8/16-bit Atmel AVR XMEGA Microcontrollers
ATXMEGA16E5 ATMEL-ATXMEGA16E5_14 Datasheet
2Mb / 147P
   8/16-bit Atmel AVR XMEGA Microcontrollers
ATXMEGA32E5 ATMEL-ATXMEGA32E5_14 Datasheet
2Mb / 147P
   8/16-bit Atmel AVR XMEGA Microcontrollers
ATXMEGA32E5 ATMEL-ATXMEGA32E5 Datasheet
2Mb / 145P
   8/16-bit Atmel AVR XMEGA Microcontrollers
2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com