Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT2241 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2241
Description  Programmable Encoder IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2241 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2241_06 Datasheet HTML 1Page - Princeton Technology Corp PT2241_06 Datasheet HTML 2Page - Princeton Technology Corp PT2241_06 Datasheet HTML 3Page - Princeton Technology Corp PT2241_06 Datasheet HTML 4Page - Princeton Technology Corp PT2241_06 Datasheet HTML 5Page - Princeton Technology Corp PT2241_06 Datasheet HTML 6Page - Princeton Technology Corp PT2241_06 Datasheet HTML 7Page - Princeton Technology Corp PT2241_06 Datasheet HTML 8Page - Princeton Technology Corp PT2241_06 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2241 V1.5
- 1 -
March, 2006
Programmable Encoder IC
PT2241
DESCRIPTION
PT2241 is a tri-state programmable encoder utilizing CMOS Technology specially designed for remote
control applications. It encodes address and data codes into a coded waveform suitable for RF
modulation and can provide up to 311 Address which may be designed by a one-time programmable
process. PT2241 can support up to 4 Data Bits, thereby reducing inventory pressures. It is housed in 8
or 16-pin DIP or SOP Package. The pin assignments and application circuit are optimized for easy
PCB Layout and cost saving advantage.
FEATURES
• CMOS technology
• Low power consumption
• Least external components
• High noise immunity
• Single resistor oscillator
• Operating voltage: 1.8~15V
• Up to 4 data pins
• Up to 3
11 address codes
• One-time programmable process
• Available in SOP or DIP package
• Reduction of inventory pressures
APPLICATIONS
• Burglar alarm system
• Car security system
• Car/Garage door controller
• Home/Office security system
• Personal alarm system


Similar Part No. - PT2241_06

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2241-16 PTC-PT2241-16 Datasheet
48Kb / 3P
   Programmable Encoder IC?
PT2241-16S PTC-PT2241-16S Datasheet
48Kb / 3P
   Programmable Encoder IC?
PT2241-S PTC-PT2241-S Datasheet
48Kb / 3P
   Programmable Encoder IC?
logo
Datatronic Distribution...
PT22411 DATATRONICS-PT22411 Datasheet
104Kb / 2P
   HIGH CURRENT INDUCTORS (OPEN TYPE)
PT22412 DATATRONICS-PT22412 Datasheet
104Kb / 2P
   HIGH CURRENT INDUCTORS (OPEN TYPE)
More results

Similar Description - PT2241_06

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2240 PTC-PT2240 Datasheet
47Kb / 4P
   Programmable Encoder IC
PT2241 PTC-PT2241 Datasheet
48Kb / 3P
   Programmable Encoder IC?
PT2240 PTC-PT2240_06 Datasheet
301Kb / 15P
   Programmable Encoder IC
PT2283 PTC-PT2283 Datasheet
814Kb / 5P
   Programmable Rolling Code Encoder IC
PT2283A PTC-PT2283A Datasheet
262Kb / 4P
   Programmable Rolling Code Encoder IC
PT2282 PTC-PT2282 Datasheet
88Kb / 3P
   Programmable Rolling Code Encoder IC
logo
AVAGO TECHNOLOGIES LIMI...
AEAT-6600-T16 AVAGO-AEAT-6600-T16 Datasheet
539Kb / 11P
   10 to16-Bit Programmable Angular Magnetic Encoder IC
logo
Princeton Technology Co...
PT2240B PTC-PT2240B_09 Datasheet
279Kb / 8P
   Encoder IC
PT4203 PTC-PT4203 Datasheet
495Kb / 4P
   Encoder IC
PT2240B PTC-PT2240B Datasheet
73Kb / 3P
   Encoder IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com