Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT2257-S Datasheet(PDF) 9 Page - Princeton Technology Corp

Part # PT2257-S
Description  Electronic Volume Controller IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2257-S Datasheet(HTML) 9 Page - Princeton Technology Corp

Back Button PT2257-S Datasheet HTML 5Page - Princeton Technology Corp PT2257-S Datasheet HTML 6Page - Princeton Technology Corp PT2257-S Datasheet HTML 7Page - Princeton Technology Corp PT2257-S Datasheet HTML 8Page - Princeton Technology Corp PT2257-S Datasheet HTML 9Page - Princeton Technology Corp PT2257-S Datasheet HTML 10Page - Princeton Technology Corp PT2257-S Datasheet HTML 11Page - Princeton Technology Corp PT2257-S Datasheet HTML 12Page - Princeton Technology Corp PT2257-S Datasheet HTML 13Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2257 V1.4
- 9 -
May, 2008
Electronic Volume Controller IC
PT2257
ABSOLUTE MAXIMUM RATING
Parameter
Symbol
Rating
Unit
Supply voltage
VDD
12
V
Operating temperature
Topr
-40 to +85
Storage temperature
Tstg
-65 to +150
Input voltage
VI
-0.3 to VCC+0.3
V
AUDIO SECTION ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Condition
Min. Typ. Max.
Unit
Operating voltage
VDD
3
9
10
V
Operating current
IDD
VDD=9V, VI=0V
-
9
15
mA
Minimum Attenuation
-0.5
0
-
Volume attenuation range ARANGE
Maximum Attenuation
-72
-79
-
dB
Attenuation step
ASTEP
-
1
-
dB
Joint step gain error
GERR
-
0.5
-
dB
Inter-channel attenuation
gain error
CERR
-
0.5
-
dB
Maximum output level
Vomax
VDD=9V, F=1KHz Volume
Att=0dB Rload=50K, THD<1%
2.0
2.3
2.5
Vrms
Vout=2Vrms
-
0.07
0.09
Total harmonic distortion
THD
F =1KHz,
Volume Att=0dB,
A-weighted
Rload=50K
Vout=200m
Vrms
-
0.003 0.005
%
Noise output
No
Vin=GND, MUTE=OFF
Volume Att=0dB, A-weighted
-
2
3
µVrms
22~22KHz
90
100
103
Signal-to-Noise ratio
SNR
0dB=Vomax,
ATT=0dB
A-weighted
110
120
123
dB
Channel separation
CS
Vin=2.5Vrms,
F=1KHz,Volume=0dB
100
120
125
dB
Mute attenuation
MUTE
Vin=2.5Vrms, F=1KHz
Volume Att=0dB, A-weighted
90
95
97
dB
Frequency response
FR
Vin=1Vrms,
Volume Att=-10dB
-
1
1.3
MHz
Input impedance
Rin
F=1KHz
15
20
26
KΩ
Output impedance
Rout
F=1KHz, Vout=100m Vrms
-
100
-
Minimum load resistance
Rload
VDD=9V, Vo=2Vrms,THD<1%
2
-
-
KΩ


Similar Part No. - PT2257-S

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2257-S PTC-PT2257-S Datasheet
25Kb / 2P
   Electronic Volume Controller IC??????
PT2257-S PTC-PT2257-S Datasheet
352Kb / 20P
   Electronic Volume Controller IC
PT2257-SL PTC-PT2257-SL Datasheet
352Kb / 20P
   Electronic Volume Controller IC
More results

Similar Description - PT2257-S

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2254A PTC-PT2254A Datasheet
117Kb / 7P
   Electronic Volume Controller IC???
PT2256 PTC-PT2256 Datasheet
70Kb / 4P
   Electronic Volume Controller IC??????
PT2256 PTC-PT2256_07 Datasheet
394Kb / 21P
   Electronic Volume Controller IC
PT2257 PTC-PT2257_07 Datasheet
352Kb / 20P
   Electronic Volume Controller IC
PT2253B PTC-PT2253B Datasheet
130Kb / 7P
   Electronic Volume Controller IC?
PT2253A PTC-PT2253A_05 Datasheet
551Kb / 20P
   Electronic Volume Controller IC
PT2255A PTC-PT2255A Datasheet
185Kb / 5P
   Electronic Volume Controller IC????
PT2257 PTC-PT2257 Datasheet
25Kb / 2P
   Electronic Volume Controller IC??????
PT2256V PTC-PT2256V Datasheet
417Kb / 19P
   Electronic Volume Controller IC
PT2253A PTC-PT2253A Datasheet
91Kb / 6P
   Electronic Volume Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com