Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT2272 Datasheet(PDF) 6 Page - Princeton Technology Corp

Part # PT2272
Description  Remote Control Decoder
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2272 Datasheet(HTML) 6 Page - Princeton Technology Corp

Back Button PT2272_08 Datasheet HTML 2Page - Princeton Technology Corp PT2272_08 Datasheet HTML 3Page - Princeton Technology Corp PT2272_08 Datasheet HTML 4Page - Princeton Technology Corp PT2272_08 Datasheet HTML 5Page - Princeton Technology Corp PT2272_08 Datasheet HTML 6Page - Princeton Technology Corp PT2272_08 Datasheet HTML 7Page - Princeton Technology Corp PT2272_08 Datasheet HTML 8Page - Princeton Technology Corp PT2272_08 Datasheet HTML 9Page - Princeton Technology Corp PT2272_08 Datasheet HTML 10Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2272 V3.7
- 6 -
June, 2008
Remote Control Decoder
PT2272
FUNCTION DESCRIPTION
PT2272 decodes the waveform received and fed into the DIN pin. The Waveform is decoded into code
word that contains the address, data and sync bits. The decoded address bits are compared with the
address set at the address input pins. If both addresses match for 2 consecutive code words, PT2272
drives - (1) the data output pin(s) whose corresponding data bit(s) is then decoded to be a “1” bit, and
(2) the VT output -- to high voltage (high state).
RF OPERATION
CODE BITS
A Code Bit is the basic component of the encoded waveform, and can be classified as either an AD
(Address/Data) Bit or a SYNC (Synchronous) Bit.
Address/Data (AD) Bit Waveform
An AD Bit can be designated as Bit “0”, “1” or “f”, if it is in low, high or floating state respectively. One bit
waveform consists of 2 pulse cycles. Each pulse cycle has 16 oscillating time periods. For further
details, please refer to the diagram below:
1 bit = 32
4
12
4
where: = Oscillating Clock Period
Bit 1 is only available for Address Bit
OSC
BIT 0
BIT 1
BIT f
Floating


Similar Part No. - PT2272_08

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2272-L3 PTC-PT2272-L3 Datasheet
664Kb / 8P
   Remote Control Decoder?
PT2272-L3-S18 PTC-PT2272-L3-S18 Datasheet
664Kb / 8P
   Remote Control Decoder?
PT2272-L3S PTC-PT2272-L3S Datasheet
664Kb / 8P
   Remote Control Decoder?
PT2272-L4 PTC-PT2272-L4 Datasheet
664Kb / 8P
   Remote Control Decoder?
PT2272-L4-S18 PTC-PT2272-L4-S18 Datasheet
664Kb / 8P
   Remote Control Decoder?
More results

Similar Description - PT2272_08

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2272 PTC-PT2272 Datasheet
664Kb / 8P
   Remote Control Decoder?
PT2271A PTC-PT2271A Datasheet
253Kb / 6P
   Remote Control Decoder?
PT2270 PTC-PT2270 Datasheet
284Kb / 4P
   Remote Control Decoder
logo
List of Unclassifed Man...
SC5272 ETC-SC5272 Datasheet
180Kb / 12P
   REMOTE CONTROL DECODER
logo
Silan Microelectronics ...
SC5272 SILAN-SC5272 Datasheet
795Kb / 12P
   REMOTE CONTROL DECODER PAIRED
logo
Princeton Technology Co...
PT2270 PTC-PT2270_06 Datasheet
549Kb / 18P
   Remote Control Decoder IC
PT2294 PTC-PT2294 Datasheet
326Kb / 19P
   Remote Control Decoder IC
April, 2006
PT2604 PTC-PT2604 Datasheet
46Kb / 2P
   Remote Control Decoder IC
logo
NXP Semiconductors
SAA3049A PHILIPS-SAA3049A Datasheet
92Kb / 16P
   Infrared remote control decoder
1996 Sep 13
logo
Princeton Technology Co...
PT2604 PTC-PT2604_10 Datasheet
359Kb / 14P
   Remote Control Decoder IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com