Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT2270-L3 Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # PT2270-L3
Description  Remote Control Decoder IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2270-L3 Datasheet(HTML) 4 Page - Princeton Technology Corp

  PT2270-L3 Datasheet HTML 1Page - Princeton Technology Corp PT2270-L3 Datasheet HTML 2Page - Princeton Technology Corp PT2270-L3 Datasheet HTML 3Page - Princeton Technology Corp PT2270-L3 Datasheet HTML 4Page - Princeton Technology Corp PT2270-L3 Datasheet HTML 5Page - Princeton Technology Corp PT2270-L3 Datasheet HTML 6Page - Princeton Technology Corp PT2270-L3 Datasheet HTML 7Page - Princeton Technology Corp PT2270-L3 Datasheet HTML 8Page - Princeton Technology Corp PT2270-L3 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2270 V1.3
- 4 -
May, 2006
Remote Control Decoder IC
PT2270
PIN CONFIGURATION
Pin Name
I/O
Description
Pin No.
A0 ~ A5
I
Code Address Pin No. 0 ~ 5.
These six tri-state pins are detected by PT2270 to determine
the encoded waveform bit 0 ~ bit 5. Each pin can be set to “0”,
“1”, or “f” (floating).
1 ~ 6
A6/D5 ~ A11/D0
I/O
Code Address Pin No. 6 ~ 11/Data Pin No. 5 ~ 0.
These six pins are used as higher address input bits or data
output pins depending on the version (type) of PT2270 used.
When used as address inputs, these pins are tri-state input pins
and each pin can be set to “0”, “1”, or “f” (floating).
When used as output pins, these pins are driven to VCC if (1) the
address decoded from the waveform that was received
matches the address setting at the address input pins, and (2)
the corresponding data bits received is a “1” bit. Otherwise,
they are driven to VSS.
7 ~ 8
10 ~ 13
DIN
I
Data Input Pin.
The encoded waveform received is serially fed to
PT2270 at this pin.
14
OSC 1
I
Oscillator Pin No.1
16
OSC 2
O
Oscillator Pin No. 2
A resistor connected between these two
pins determine the fundamental
frequency of PT2270.
15
VT
O
Valid Transmission.
Active High Signal. VT in high state signifies that PT2270
receives valid transmission waveform.
17
VCC
-
Positive Power Supply
18
VSS
-
Negative Power Supply
9


Similar Part No. - PT2270-L3

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2270-L3 PTC-PT2270-L3 Datasheet
284Kb / 4P
   Remote Control Decoder
PT2270-L3-S PTC-PT2270-L3-S Datasheet
284Kb / 4P
   Remote Control Decoder
More results

Similar Description - PT2270-L3

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2294 PTC-PT2294 Datasheet
326Kb / 19P
   Remote Control Decoder IC
April, 2006
PT2604 PTC-PT2604 Datasheet
46Kb / 2P
   Remote Control Decoder IC
PT2604 PTC-PT2604_10 Datasheet
359Kb / 14P
   Remote Control Decoder IC
PT2272 PTC-PT2272_08 Datasheet
543Kb / 22P
   Remote Control Decoder
PT2272 PTC-PT2272 Datasheet
664Kb / 8P
   Remote Control Decoder?
PT2271A PTC-PT2271A Datasheet
253Kb / 6P
   Remote Control Decoder?
PT2270 PTC-PT2270 Datasheet
284Kb / 4P
   Remote Control Decoder
logo
List of Unclassifed Man...
SC5272 ETC-SC5272 Datasheet
180Kb / 12P
   REMOTE CONTROL DECODER
logo
Silan Microelectronics ...
SC5272 SILAN-SC5272 Datasheet
795Kb / 12P
   REMOTE CONTROL DECODER PAIRED
logo
NXP Semiconductors
SAA3049A PHILIPS-SAA3049A Datasheet
92Kb / 16P
   Infrared remote control decoder
1996 Sep 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com