Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT2303-D Datasheet(PDF) 6 Page - Princeton Technology Corp

Part # PT2303-D
Description  2W 횞 2 Class AB Audio Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2303-D Datasheet(HTML) 6 Page - Princeton Technology Corp

Back Button PT2303-D Datasheet HTML 2Page - Princeton Technology Corp PT2303-D Datasheet HTML 3Page - Princeton Technology Corp PT2303-D Datasheet HTML 4Page - Princeton Technology Corp PT2303-D Datasheet HTML 5Page - Princeton Technology Corp PT2303-D Datasheet HTML 6Page - Princeton Technology Corp PT2303-D Datasheet HTML 7Page - Princeton Technology Corp PT2303-D Datasheet HTML 8Page - Princeton Technology Corp PT2303-D Datasheet HTML 9Page - Princeton Technology Corp PT2303-D Datasheet HTML 10Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2303 V1.2
- 6 -
December, 2007
2W × 2 Class AB Audio Power Amplifier
PT2303
HEAT DISSIPATION
During normal operation, the chip only consumes very little stand-by current. In high output power
conditions, the package temperature will rise. For proper operating temperature, a modest heat sink
mounted on the top side of the chip is required. The thermal resistance requirement of the heat sink
demand may be obtained by the formula below:
θJA = (TJ (max) - TA)/PDISS
PDISS = IC dissipation power
TJ (max) = Maximum chip conjunction temperature
TA = external environment temperature
θJA = thermal resistance from chip conjunction to ambience environment
With 60% estimated efficiency (eff), PT2303 in 2W + 2W output power dissipation is probably
PDISS = ( Po ÷ eff ) - Po = 2.6W
The maximum chip conjunction temperature is 150℃, Exceed this temperature will damage the chip,
assuming the outside environment air temperature is 50℃. From the chip conjunction dissipation to
external environment thermal resistance
θJA should be:
θJA = ( 150 – 50 ) ÷ 2.6 = 38.4℃/W
The PT2303 chip conjunction to case thermal resistance
θJC is 26℃ /W. Therefore the heat sink
thermal resistance should be:
θJA - θJC = 12.4℃/W
In normal operating, PT2303 needs at least 2 sq inch PCB for heat dissipate; it should be use whole
copper foil to cover on it for enough heat dissipation space. We suggest using two-layer PCB for better
heat dissipation. The track connected to the output and power pin of IC should be as thick as possible
for better heat dissipation ability. If IC doesn’t have enough heat dissipation space (>1 sq inch), and IC
is always in full power output situation, an additional heat sink should placed on the chip.


Similar Part No. - PT2303-D

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2300 PTC-PT2300 Datasheet
341Kb / 15P
   2W x 2 Class AB Audio Power Amplifier
logo
Shenzhenshi YONGFUKANG ...
PT2300 YONGFUKANG-PT2300 Datasheet
337Kb / 5P
   Audio power amplifier
logo
Princeton Technology Co...
PT2300-S PTC-PT2300-S Datasheet
341Kb / 15P
   2W x 2 Class AB Audio Power Amplifier
PT2300-SL PTC-PT2300-SL Datasheet
341Kb / 15P
   2W x 2 Class AB Audio Power Amplifier
PT2300L PTC-PT2300L Datasheet
341Kb / 15P
   2W x 2 Class AB Audio Power Amplifier
More results

Similar Description - PT2303-D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA7493 UTC-PA7493_15 Datasheet
278Kb / 7P
   2W X 2 CLASS AB AUDIO POWER AMPLIFIER
logo
Princeton Technology Co...
PT2300 PTC-PT2300 Datasheet
341Kb / 15P
   2W x 2 Class AB Audio Power Amplifier
PT2305 PTC-PT2305 Datasheet
198Kb / 3P
   2.5W 횞 2 Class AB Audio Power Amplifier
PT2305 PTC-PT2305_05 Datasheet
542Kb / 27P
   2.5W 횞 2 Class AB Audio Power Amplifier
logo
Unisonic Technologies
PA7493 UTC-PA7493 Datasheet
145Kb / 7P
   2W X 2 CLASS AB AUDIO POWER AMPLIFIER (WITH DC_VOLUME CONTROL)
PA7493 UTC-PA7493_08 Datasheet
219Kb / 7P
   2W X 2 CLASS AB AUDIO POWER AMPLIFIER (WITH DC_VOLUME CONTROL)
logo
Analog Devices
SSM2356 AD-SSM2356 Datasheet
639Kb / 16P
   2 횞 2W Filterless Class-D Stereo Audio Amplifier
REV. 0
logo
List of Unclassifed Man...
ISD8102 ETC2-ISD8102 Datasheet
719Kb / 19P
   2W Class AB Audio Amplifier with Chip Enable
logo
Nuvoton Technology Corp...
ISD8102 NUVOTON-ISD8102 Datasheet
719Kb / 19P
   2W Class AB Audio Amplifier with Chip Enable
logo
List of Unclassifed Man...
LTK8002D ETC-LTK8002D Datasheet
1Mb / 7P
   Class AB Audio Amplifier
2014 V1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com