Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT2303-S Datasheet(PDF) 9 Page - Princeton Technology Corp

Part # PT2303-S
Description  2W 횞 2 Class AB Audio Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2303-S Datasheet(HTML) 9 Page - Princeton Technology Corp

Back Button PT2303-S Datasheet HTML 5Page - Princeton Technology Corp PT2303-S Datasheet HTML 6Page - Princeton Technology Corp PT2303-S Datasheet HTML 7Page - Princeton Technology Corp PT2303-S Datasheet HTML 8Page - Princeton Technology Corp PT2303-S Datasheet HTML 9Page - Princeton Technology Corp PT2303-S Datasheet HTML 10Page - Princeton Technology Corp PT2303-S Datasheet HTML 11Page - Princeton Technology Corp PT2303-S Datasheet HTML 12Page - Princeton Technology Corp PT2303-S Datasheet HTML 13Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2303 V1.2
- 9 -
December, 2007
2W × 2 Class AB Audio Power Amplifier
PT2303
APPLICATION CIRCUIT
Rf
20k
Ri
20k
Ri
20k
Rf
20k
CB
1uF
VDD
100k
100k
220uF
220uF
VDD
HEADPHONE
CVDD
10uF
1k
1k
BTL/SE
CH1 IN
CH2 IN
1uF
1uF
3
16
5
12
14
6
8
10
11
9
1
AMP1P
AMP1N
AMP2N
AMP2P
VDD
GND
+IN1
+IN2
-IN1
-IN2
Shut
Vref
-OUT1
-OUT2
+OUT1
+OUT2
HP-IN
SE/BTL
Down
4,13
2,7,15
POWER
BLOCK
VDD
ON
OFF
ShutDown
Sense


Similar Part No. - PT2303-S

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2300 PTC-PT2300 Datasheet
341Kb / 15P
   2W x 2 Class AB Audio Power Amplifier
logo
Shenzhenshi YONGFUKANG ...
PT2300 YONGFUKANG-PT2300 Datasheet
337Kb / 5P
   Audio power amplifier
logo
Princeton Technology Co...
PT2300-S PTC-PT2300-S Datasheet
341Kb / 15P
   2W x 2 Class AB Audio Power Amplifier
PT2300-SL PTC-PT2300-SL Datasheet
341Kb / 15P
   2W x 2 Class AB Audio Power Amplifier
PT2300L PTC-PT2300L Datasheet
341Kb / 15P
   2W x 2 Class AB Audio Power Amplifier
More results

Similar Description - PT2303-S

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA7493 UTC-PA7493_15 Datasheet
278Kb / 7P
   2W X 2 CLASS AB AUDIO POWER AMPLIFIER
logo
Princeton Technology Co...
PT2300 PTC-PT2300 Datasheet
341Kb / 15P
   2W x 2 Class AB Audio Power Amplifier
PT2305 PTC-PT2305 Datasheet
198Kb / 3P
   2.5W 횞 2 Class AB Audio Power Amplifier
PT2305 PTC-PT2305_05 Datasheet
542Kb / 27P
   2.5W 횞 2 Class AB Audio Power Amplifier
logo
Unisonic Technologies
PA7493 UTC-PA7493 Datasheet
145Kb / 7P
   2W X 2 CLASS AB AUDIO POWER AMPLIFIER (WITH DC_VOLUME CONTROL)
PA7493 UTC-PA7493_08 Datasheet
219Kb / 7P
   2W X 2 CLASS AB AUDIO POWER AMPLIFIER (WITH DC_VOLUME CONTROL)
logo
Analog Devices
SSM2356 AD-SSM2356 Datasheet
639Kb / 16P
   2 횞 2W Filterless Class-D Stereo Audio Amplifier
REV. 0
logo
List of Unclassifed Man...
ISD8102 ETC2-ISD8102 Datasheet
719Kb / 19P
   2W Class AB Audio Amplifier with Chip Enable
logo
Nuvoton Technology Corp...
ISD8102 NUVOTON-ISD8102 Datasheet
719Kb / 19P
   2W Class AB Audio Amplifier with Chip Enable
logo
List of Unclassifed Man...
LTK8002D ETC-LTK8002D Datasheet
1Mb / 7P
   Class AB Audio Amplifier
2014 V1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com