Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT2272-S Datasheet(PDF) 9 Page - Princeton Technology Corp

Part # PT2272-S
Description  Remote Control Decoder
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2272-S Datasheet(HTML) 9 Page - Princeton Technology Corp

Back Button PT2272-S Datasheet HTML 5Page - Princeton Technology Corp PT2272-S Datasheet HTML 6Page - Princeton Technology Corp PT2272-S Datasheet HTML 7Page - Princeton Technology Corp PT2272-S Datasheet HTML 8Page - Princeton Technology Corp PT2272-S Datasheet HTML 9Page - Princeton Technology Corp PT2272-S Datasheet HTML 10Page - Princeton Technology Corp PT2272-S Datasheet HTML 11Page - Princeton Technology Corp PT2272-S Datasheet HTML 12Page - Princeton Technology Corp PT2272-S Datasheet HTML 13Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2272 V3.7
- 9 -
June, 2008
Remote Control Decoder
PT2272
IR OPERATION
In the IR Type of Operation, the functions are similar to the above descriptions, except that the output
waveform carried by PT2262-IR has a frequency of 38KHz. Details are as follows.
CODE BITS
The Code Bits are further modulated with a 38KHz carrier frequency and can be “0”, “1” or “f” bit. Their
waveforms are shown in the diagram below.
160
20
60
20
620
OSC
0
1
f
Sync
Note: = 2 clock lengths
CODE WORD
A Code Word is made up of code bits and the format is the same as that of the RF Code Frame.
CODE FRAME
Likewise, a Code Frame is made up of Code Words and the format is the same as that of RF Type of
Operation.
OSCILLATOR
PT2262-IR is specially designed for infrared remote control applications and its output waveform
carries 38KHz frequency. To get the 38KHz carrier frequency at the data output, the oscillator
frequency must be 76KHz. A 440KΩ resistor connected between OSC1 and OSC2 pins of PT2262-IR
is recommended. Moreover, for a matching decoder frequency, 1MΩ resistor connected between the
OSC1 and OSC2 pins of PT2272 is also recommended.


Similar Part No. - PT2272-S

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2272-S PTC-PT2272-S Datasheet
664Kb / 8P
   Remote Control Decoder?
PT2272-S18 PTC-PT2272-S18 Datasheet
664Kb / 8P
   Remote Control Decoder?
More results

Similar Description - PT2272-S

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2272 PTC-PT2272 Datasheet
664Kb / 8P
   Remote Control Decoder?
PT2271A PTC-PT2271A Datasheet
253Kb / 6P
   Remote Control Decoder?
PT2270 PTC-PT2270 Datasheet
284Kb / 4P
   Remote Control Decoder
logo
List of Unclassifed Man...
SC5272 ETC-SC5272 Datasheet
180Kb / 12P
   REMOTE CONTROL DECODER
logo
Silan Microelectronics ...
SC5272 SILAN-SC5272 Datasheet
795Kb / 12P
   REMOTE CONTROL DECODER PAIRED
logo
Princeton Technology Co...
PT2270 PTC-PT2270_06 Datasheet
549Kb / 18P
   Remote Control Decoder IC
PT2294 PTC-PT2294 Datasheet
326Kb / 19P
   Remote Control Decoder IC
April, 2006
PT2604 PTC-PT2604 Datasheet
46Kb / 2P
   Remote Control Decoder IC
logo
NXP Semiconductors
SAA3049A PHILIPS-SAA3049A Datasheet
92Kb / 16P
   Infrared remote control decoder
1996 Sep 13
logo
Princeton Technology Co...
PT2604 PTC-PT2604_10 Datasheet
359Kb / 14P
   Remote Control Decoder IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com