Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT2328 Datasheet(PDF) 10 Page - Princeton Technology Corp

Part # PT2328
Description  Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2328 Datasheet(HTML) 10 Page - Princeton Technology Corp

Back Button PT2328 Datasheet HTML 6Page - Princeton Technology Corp PT2328 Datasheet HTML 7Page - Princeton Technology Corp PT2328 Datasheet HTML 8Page - Princeton Technology Corp PT2328 Datasheet HTML 9Page - Princeton Technology Corp PT2328 Datasheet HTML 10Page - Princeton Technology Corp PT2328 Datasheet HTML 11Page - Princeton Technology Corp PT2328 Datasheet HTML 12Page - Princeton Technology Corp PT2328 Datasheet HTML 13Page - Princeton Technology Corp PT2328 Datasheet HTML 14Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2328 V1.3
- 10 -
August, 2005
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PT2328
CHARACTERISTICS TESTING CIRCUIT
5V
0.1 F
µ
VDD
D
S
VS
IN
/EN
GND
R
100
L
C
35pF
L
VOUT
VIN
VOUT
50%
50%
90%
10%
Ton
Toff
Fig.4 Switching On/Off time
5V
0.1 F
µ
VDD
D1
S1A
VS
IN
/EN
GND
R
100
L
C
35pF
L
VOUT
DECODER
VS
S1B
tD
tD
50%
50%
50%
50%
3V
0V
VS
VIN
VOUT
Fig.5 Break before make time
VIN
+ -
A
-V
ISW
RON
RL
VOUT
Fig.6 ON Resistance


Similar Part No. - PT2328

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2328 PTC-PT2328 Datasheet
460Kb / 23P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PT2328-SA PTC-PT2328-SA Datasheet
460Kb / 23P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PT2328-SJ PTC-PT2328-SJ Datasheet
460Kb / 23P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PT2328-X PTC-PT2328-X Datasheet
460Kb / 23P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
More results

Similar Description - PT2328

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5V330 PERICOM-PI5V330 Datasheet
426Kb / 9P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V330 PERICOM-PI5V330_13 Datasheet
863Kb / 8P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Princeton Technology Co...
PT2328 PTC-PT2328 Datasheet
460Kb / 23P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Diodes Incorporated
PI5V330S DIODES-PI5V330S Datasheet
789Kb / 8P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
12/12/12
logo
Pericom Semiconductor C...
PI5V330SWE PERICOM-PI5V330SWE Datasheet
839Kb / 8P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V330A PERICOM-PI5V330A Datasheet
299Kb / 7P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Unisonic Technologies
US5V330 UTC-US5V330 Datasheet
170Kb / 6P
   WIDEBAND/VIDEO QUAD 2-CHANNEL MUX/DEMUX WITH LOW ON-RESISTANCE
US5V330 UTC-US5V330_15 Datasheet
170Kb / 6P
   WIDEBAND/VIDEO QUAD 2-CHANNEL MUX/DEMUX
logo
Pericom Semiconductor C...
PI5V331 PERICOM-PI5V331 Datasheet
159Kb / 5P
   Low ON Resistance Wideband/Video Dual 4-Channel Mux/Demux
PI3V512 PERICOM-PI3V512 Datasheet
424Kb / 8P
   Low On-Resistance, 3.3V Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com