Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRD2JPLX Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # VRD2JPLX
Description  CMOS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VRD2JPLX Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button VRD2JPLX Datasheet HTML 7Page - List of Unclassifed Manufacturers VRD2JPLX Datasheet HTML 8Page - List of Unclassifed Manufacturers VRD2JPLX Datasheet HTML 9Page - List of Unclassifed Manufacturers VRD2JPLX Datasheet HTML 10Page - List of Unclassifed Manufacturers VRD2JPLX Datasheet HTML 11Page - List of Unclassifed Manufacturers VRD2JPLX Datasheet HTML 12Page - List of Unclassifed Manufacturers VRD2JPLX Datasheet HTML 13Page - List of Unclassifed Manufacturers VRD2JPLX Datasheet HTML 14Page - List of Unclassifed Manufacturers VRD2JPLX Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
AnaSem Inc.
10
Rev. C09-08
VRD 系列
高速度
, 低压差, ±1% 高输出精度 CMOS双路稳压器
.......... Future of the analog world
一般特征
– 输出电压 vs. 输出电流
VRD (VOUT=1.8V)
VRD (VOUT=1.8V)
2.4
1.8
1.2
0.6
0
50
150
200
250
300
0
Out Current : IOUT (mA)
100
350
50
150
200
250
300
0
Out Current : IOUT (mA)
100
350
Ta=+25°C
Ta=–40°C
Ta=+85°C
VRD (VOUT=1.5V)
EN=VIN, Ta=25°C, CIN=CL=1.0µF
VRD (VOUT=1.5V)
VIN=EN=VOUT+1.0V, CIN=CL=1.0µF
1.6
1.2
0.8
0.4
0
0.2
0.6
1.0
1.4
50
150
200
250
300
0
Out Current : IOUT (mA)
100
350
400
50
150
200
250
300
0
Out Current : IOUT (mA)
100
350
400
VIN=2.8V
VIN=1.9V
VIN=4.0V
VIN=6.0V
Ta=+25°C
Ta=–40°C
Ta=+85°C
VIN=2.5V
VIN=4.3V
VIN=6.0V
1.6
1.2
0.8
0.4
0
0.2
0.6
1.0
1.4
2.4
1.8
1.2
0.6
0
EN=VIN, Ta=25°C, CIN=CL=1.0µF
VIN=EN=VOUT+1.0V, CIN=CL=1.0µF


Similar Part No. - VRD2JPLX

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
VRD311 MICROCHIP-VRD311 Datasheet
3Mb / 416P
   16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
VRD312 MICROCHIP-VRD312 Datasheet
3Mb / 416P
   16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
logo
Vishay Siliconix
VRD330K470MTF VISHAY-VRD330K470MTF Datasheet
98Kb / 4P
   Molded, SOT-23 Resistor/Capacitor Network
Revision: 01-Jul-08
VRD330K470MUF VISHAY-VRD330K470MUF Datasheet
98Kb / 4P
   Molded, SOT-23 Resistor/Capacitor Network
Revision: 01-Jul-08
More results

Similar Description - VRD2JPLX

ManufacturerPart #DatasheetDescription
logo
Rohm
BD49K24G-TL ROHM-BD49K24G-TL Datasheet
507Kb / 18P
   Standard CMOS Standard CMOS
logo
List of Unclassifed Man...
VDA ETC2-VDA Datasheet
1Mb / 20P
   CMOS
VDD ETC2-VDD Datasheet
1Mb / 22P
   CMOS
logo
Nel Frequency Controls,...
HS-A370 NEL-HS-A370 Datasheet
257Kb / 2P
   CMOS
AC-A1460 NEL-AC-A1460 Datasheet
38Kb / 2P
   CMOS
logo
List of Unclassifed Man...
HA1630Q01 ETC-HA1630Q01 Datasheet
216Kb / 7P
   CMOS
logo
Nel Frequency Controls,...
SJ-A370 NEL-SJ-A370 Datasheet
258Kb / 2P
   CMOS
logo
List of Unclassifed Man...
VRR ETC2-VRR Datasheet
2Mb / 29P
   CMOS
logo
Shenzhen Titan Micro El...
TM74HC595 TITAN-TM74HC595 Datasheet
753Kb / 7P
   CMOS
TM74HC04 TITAN-TM74HC04 Datasheet
181Kb / 6P
   CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com