Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT2338 Datasheet(PDF) 2 Page - Princeton Technology Corp

Part # PT2338
Description  150mW Stereo Audio Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2338 Datasheet(HTML) 2 Page - Princeton Technology Corp

  PT2338 Datasheet HTML 1Page - Princeton Technology Corp PT2338 Datasheet HTML 2Page - Princeton Technology Corp PT2338 Datasheet HTML 3Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PT2338
V1.0
2
APPLICATION CIRCUIT DIAGRAM
SINGLE ENDED CONFIGURATION
AMP 2
AMP 1
Bias
Control
1
2
3
4
56
7
8
9
10
350K
350K
IP1
IP2
IN1
IN2
VO1
VO2
VDD
GND
BYPASS
SD
R2A
100K
R2C
100K
R2D
100K
R2B
100K
R1A
100K
R1B
100K
R1C
100K
R1D
100K
Cbypass
1uF
Hi=Shutdown On
VDD
Cs
1uF
VDD
Co1
220uF
Co2
220uF
LCH
RCH
Ci
0.47uF
Ci
0.47uF
Ci
0.47uF
Ci
0.47uF
L
R
G
RIN
LIN
2
1
3
Note :
1.
Single-ended inverted amplifier configuration can get the better performance of the PSRR.
2.
Increase the capacitance of the Cbypass can improve the PSRR performance, but it also extends power on muting period.
DIFFERENTIAL INPUT CONFIGURATION
AMP 2
AMP 1
Bias
Control
1
2
3
4
56
7
8
9
10
350K
350K
IP1
IP2
IN1
IN2
VO1
VO2
VDD
GND
BYPASS
SD
R2A
100K
R2C
100K
R2D
100K
R2B
100K
R1A
100K
R1B
100K
R1C
100K
R1D
100K
Cbypass
1uF
Hi=Shutdown On
VDD
Cs
1uF
VDD
Co1
220uF
Co2
220uF
LCH
RCH
Ci
0.47uF
Ci
0.47uF
Ci
0.47uF
Ci
0.47uF
L
R
G
LIN+
RIN+
RIN-
LIN-
2
1
3


Similar Part No. - PT2338

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT233 PTC-PT233 Datasheet
85Kb / 2P
   Analog Function Switch
PT2332 PTC-PT2332 Datasheet
208Kb / 5P
   2.2W횞2 Class-D Audio Power Amplifier
PT2332-S PTC-PT2332-S Datasheet
208Kb / 5P
   2.2W횞2 Class-D Audio Power Amplifier
PT2332-X PTC-PT2332-X Datasheet
208Kb / 5P
   2.2W횞2 Class-D Audio Power Amplifier
PT2334 PTC-PT2334 Datasheet
156Kb / 4P
   Stereo 2W Class-D Amplifier with Built-In Audio Processor
More results

Similar Description - PT2338

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA3112 UTC-PA3112 Datasheet
337Kb / 8P
   DUAL 150mW AUDIO POWER AMPLIFIER
PA6112 UTC-PA6112 Datasheet
186Kb / 8P
   DUAL 150MW AUDIO POWER AMPLIFIER
PA3112 UTC-PA3112_15 Datasheet
337Kb / 8P
   DUAL 150mW AUDIO POWER AMPLIFIER
logo
SG Micro Corp
SGM4812 SGMICRO-SGM4812 Datasheet
335Kb / 11P
   Stereo Audio Power Amplifier
logo
Panasonic Semiconductor
SVI3101B PANASONIC-SVI3101B Datasheet
292Kb / 2P
   Stereo Audio Power Amplifier
logo
National Semiconductor ...
LM4752 NSC-LM4752_00 Datasheet
780Kb / 22P
   Stereo 11W Audio Power Amplifier
logo
Anpec Electronics Corop...
APA4863 ANPEC-APA4863 Datasheet
161Kb / 17P
   Stereo 2.2W Audio Power Amplifier
logo
SG Micro Corp
SGM4865 SGMICRO-SGM4865 Datasheet
320Kb / 10P
   2.6W Stereo Audio Power Amplifier
SGM4992 SGMICRO-SGM4992 Datasheet
335Kb / 10P
   1.1W Stereo Audio Power Amplifier
logo
BCD Semiconductor Manuf...
AA4002 BCDSEMI-AA4002 Datasheet
425Kb / 22P
   STEREO 2W AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com