Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT2386-S Datasheet(PDF) 9 Page - Princeton Technology Corp

Part # PT2386-S
Description  3D Effect IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2386-S Datasheet(HTML) 9 Page - Princeton Technology Corp

Back Button PT2386-S Datasheet HTML 5Page - Princeton Technology Corp PT2386-S Datasheet HTML 6Page - Princeton Technology Corp PT2386-S Datasheet HTML 7Page - Princeton Technology Corp PT2386-S Datasheet HTML 8Page - Princeton Technology Corp PT2386-S Datasheet HTML 9Page - Princeton Technology Corp PT2386-S Datasheet HTML 10Page - Princeton Technology Corp PT2386-S Datasheet HTML 11Page - Princeton Technology Corp PT2386-S Datasheet HTML 12Page - Princeton Technology Corp PT2386-S Datasheet HTML 13Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2386 V1.1
- 9 -
February, 2006
3D Effect IC
PT2386
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Rating
Unit
Power supply voltage
VDD
12
V
Input voltage
VI
-0.3 to VDD+0.3
V
Operating temperature
Topr
-40 to +85
Storage temperature
Tstg
-65 to +150
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, VDD=9V, Vin=1Vrms, F=1KHz, Ta=25)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Operating voltage
VDD
4
9
10
V
VDD=5V, Vin=0V
3
4
-
Operating current
ICC
VDD=9V, Vin=0V
7
10
14
mA
VDD=5V, RLOAD=10KΩ,
THD=1%
-
1.1
1.2
Maximum output voltage
VOmax
VDD=9V, RLOAD=10KΩ,
THD=1%
-
3.0
3.2
mA
VDD=5V, 3D=OFF
-
0.9
-
Maximum input voltage
VImax
VDD=9V, 3D=OFF
-
2.5
-
Vrms
Voltage gain
AV
3D=OFF
-
2
-
dB
Total harmonic distortion
THD
A-weighting
-
0.005
0.01
%
Signal-to-noise ratio
S/N
A-weighting
85
90
95
dB
Channel separation
Sc
-
85
-
dB
Input impedance
RIN
Vin=1Vrms
40
47
55
KΩ
Output impedance
ROUT
Vout=1Vrms
290
400
-
D/C pin=VDD
-
0.9
-
“High” level input voltage
(3D pin)
VIH3D
D/C pin=GND
-
0.5
-
VDD
“Low” level input voltage
(3D pin)
VIL3D
D/C pin=GND
-
0.2
-
VDD


Similar Part No. - PT2386-S

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2386-S PTC-PT2386-S Datasheet
57Kb / 4P
   3D Effect IC
More results

Similar Description - PT2386-S

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2386 PTC-PT2386 Datasheet
57Kb / 4P
   3D Effect IC
PT2387 PTC-PT2387 Datasheet
43Kb / 2P
   3D Effect Audio Processor IC
PT2387 PTC-PT2387_10 Datasheet
296Kb / 12P
   3D Effect Audio Processor IC
PT2389 PTC-PT2389_10 Datasheet
654Kb / 24P
   5-Mode Preset Equalizer IC with Bass Booster & 3D Effect
logo
Silan Microelectronics ...
SC5387 SILAN-SC5387 Datasheet
100Kb / 5P
   3D EFFECT AUDIO PROCESSOR
logo
Princeton Technology Co...
PT2389 PTC-PT2389 Datasheet
84Kb / 4P
   5-Mode Preset Equalizer IC with Bass Booster & 3D Effect
logo
Allegro MicroSystems
A31316 ALLEGRO-A31316 Datasheet
3Mb / 61P
   3D Magnetic Position Sensor IC
Revision 2 November 29, 2022
A1266 ALLEGRO-A1266 Datasheet
577Kb / 15P
   Micropower Ultrasensitive 3D Hall-Effect Switch
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
   Sound Retrieval System; 3D Sound IC
logo
uPI Group Inc.
UE4001 UPI-UE4001 Datasheet
181Kb / 8P
   2D/3D Infrared Object Tracking IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com