Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT2462 Datasheet(PDF) 5 Page - Princeton Technology Corp

Part # PT2462
Description  Remote Control Transmitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2462 Datasheet(HTML) 5 Page - Princeton Technology Corp

  PT2462 Datasheet HTML 1Page - Princeton Technology Corp PT2462 Datasheet HTML 2Page - Princeton Technology Corp PT2462 Datasheet HTML 3Page - Princeton Technology Corp PT2462 Datasheet HTML 4Page - Princeton Technology Corp PT2462 Datasheet HTML 5Page - Princeton Technology Corp PT2462 Datasheet HTML 6Page - Princeton Technology Corp PT2462 Datasheet HTML 7Page - Princeton Technology Corp PT2462 Datasheet HTML 8Page - Princeton Technology Corp PT2462 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PT2462
V1.6
5 of 13
FUNCTION DESCRIPTION
OSCILLATION CIRCUIT
A self-biased type amplifier is housed by a CMOS Inverter Method. Thus, an oscillation circuit can be constructed by
connecting a ceramic resonator. Please refer to flowing figure for the oscillation circuit diagram.
Unless the keys are being operated, the oscillation is normally stopped. Thus, power consumption is considerably
reduced.
KEY INPUT
A total of 32 keys can be connected by Key Inputs-- KI0 ~ KI3 and Timing Signals -- KO0 ~ KO7. Double Key Operation
is possible for only Key No. 20 in combination with the other keys connected to the KO5 line, namely: Key No. 21, 22 or
23. Thus, only the following key combinations may be used for the double key operation:
• Key No. 20 and 21
• Key No. 20 and 22
• Key No. 20 and 23
There is no order of priority given in key input. This means that keys designated for the double keying operation may be
pressed in any sequence. When two keys (designated for the double key operation) are pressed simultaneously, a
series of pulse is outputted according to each key input. Pressing other keys that are NOT intended for the double key
operation do NOT generate any output.
The Key Matrix is given in the following diagram.


Similar Part No. - PT2462

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2462 PTC-PT2462 Datasheet
427Kb / 5P
   Infrared Remote Control Transmitters
PT2462-167 PTC-PT2462-167 Datasheet
427Kb / 5P
   Infrared Remote Control Transmitters
More results

Similar Description - PT2462

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14422 MOTOROLA-MC14422 Datasheet
220Kb / 6P
   REMOTE CONTROL TRANSMITTER
logo
NXP Semiconductors
SAA3004 PHILIPS-SAA3004 Datasheet
103Kb / 16P
   Remote control transmitter
August 1982
logo
Zarlink Semiconductor I...
MV500 ZARLINK-MV500 Datasheet
357Kb / 4P
   REMOTE CONTROL TRANSMITTER
logo
List of Unclassifed Man...
SL490B ETC-SL490B Datasheet
136Kb / 5P
   REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2243 PTC-PT2243 Datasheet
344Kb / 3P
   Remote Control Transmitter
logo
STMicroelectronics
M3004LAB1 STMICROELECTRONICS-M3004LAB1 Datasheet
105Kb / 10P
   REMOTE CONTROL TRANSMITTER
M3005LAB1 STMICROELECTRONICS-M3005LAB1 Datasheet
101Kb / 10P
   REMOTE CONTROL TRANSMITTER
M3004LD STMICROELECTRONICS-M3004LD Datasheet
336Kb / 14P
   REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2211 PTC-PT2211 Datasheet
120Kb / 5P
   Infrared Remote Control Transmitter?
PT2212 PTC-PT2212 Datasheet
71Kb / 3P
   Infrared Remote Control Transmitter???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com