Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT2462-S Datasheet(PDF) 11 Page - Princeton Technology Corp

Part # PT2462-S
Description  Remote Control Transmitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2462-S Datasheet(HTML) 11 Page - Princeton Technology Corp

Back Button PT2462-S Datasheet HTML 4Page - Princeton Technology Corp PT2462-S Datasheet HTML 5Page - Princeton Technology Corp PT2462-S Datasheet HTML 6Page - Princeton Technology Corp PT2462-S Datasheet HTML 7Page - Princeton Technology Corp PT2462-S Datasheet HTML 8Page - Princeton Technology Corp PT2462-S Datasheet HTML 9Page - Princeton Technology Corp PT2462-S Datasheet HTML 10Page - Princeton Technology Corp PT2462-S Datasheet HTML 11Page - Princeton Technology Corp PT2462-S Datasheet HTML 12Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PT2462
V1.6
11 of 13
PACKAGE INFORMATION
24 PINS, SOP, 300 MIL
Symbols
Min.
Nom.
Max.
A
2.35
2.65
A1
0.10
0.30
B
0.33
0.51
C
0.23
0.32
D
15.20
15.60
E
7.40
7.60
e
1.27 bsc.
H
10.00
10.65
h
0.25
0.75
L
0.40
1.27
α
Notes:
1. Dimensioning and tolerancing per ANSI Y 14.5-1982.
2. Dimension “D” does not include mold flash, protrusions or gate burrs. Mold Flash,
protrusion or gate burrs shall not exceed 0.15mm (0.006 in)per side.
3. Dimension “E” does not include interlead flash protrusions. Interlead flash or protrusions shall not
exceed 0.25 mm (0.010 in) per side.
4. The chamfer on the body is optional. It is not present, a visual index feature must be located within
the crosshatched area.
5. “L” is the length of the terminal for soldering to a substrate.
6. “N” is the number of terminal position. (N=24)
7. The lead width “B” as measured 0.36 mm (0.014 in) or greater above the seating plane, shall not
exceed a maximum value of 0.61mm (0.24 in).
8. Controlling dimension: MILLIMETER.
9. Refer to JEDEC MS-013, Variation AD.
JEDEC is the trademark of JEDEC SOLID STATE TECHNOLOGY ASSOCIATION.


Similar Part No. - PT2462-S

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2462-167 PTC-PT2462-167 Datasheet
427Kb / 5P
   Infrared Remote Control Transmitters
More results

Similar Description - PT2462-S

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14422 MOTOROLA-MC14422 Datasheet
220Kb / 6P
   REMOTE CONTROL TRANSMITTER
logo
NXP Semiconductors
SAA3004 PHILIPS-SAA3004 Datasheet
103Kb / 16P
   Remote control transmitter
August 1982
logo
Zarlink Semiconductor I...
MV500 ZARLINK-MV500 Datasheet
357Kb / 4P
   REMOTE CONTROL TRANSMITTER
logo
List of Unclassifed Man...
SL490B ETC-SL490B Datasheet
136Kb / 5P
   REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2243 PTC-PT2243 Datasheet
344Kb / 3P
   Remote Control Transmitter
logo
STMicroelectronics
M3004LAB1 STMICROELECTRONICS-M3004LAB1 Datasheet
105Kb / 10P
   REMOTE CONTROL TRANSMITTER
M3005LAB1 STMICROELECTRONICS-M3005LAB1 Datasheet
101Kb / 10P
   REMOTE CONTROL TRANSMITTER
M3004LD STMICROELECTRONICS-M3004LD Datasheet
336Kb / 14P
   REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2211 PTC-PT2211 Datasheet
120Kb / 5P
   Infrared Remote Control Transmitter?
PT2212 PTC-PT2212 Datasheet
71Kb / 3P
   Infrared Remote Control Transmitter???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com