Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT2604 Datasheet(PDF) 7 Page - Princeton Technology Corp

Part # PT2604
Description  Remote Control Decoder IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2604 Datasheet(HTML) 7 Page - Princeton Technology Corp

Back Button PT2604 Datasheet HTML 3Page - Princeton Technology Corp PT2604 Datasheet HTML 4Page - Princeton Technology Corp PT2604 Datasheet HTML 5Page - Princeton Technology Corp PT2604 Datasheet HTML 6Page - Princeton Technology Corp PT2604 Datasheet HTML 7Page - Princeton Technology Corp PT2604 Datasheet HTML 8Page - Princeton Technology Corp PT2604 Datasheet HTML 9Page - Princeton Technology Corp PT2604 Datasheet HTML 10Page - Princeton Technology Corp PT2604 Datasheet HTML 11Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2604 V1.1
- 7 -
April, 2006
Remote Control Decoder IC
PT2604
OSCILLATOR FREQUENCY VS. SUPPLY VOLTAGE
0
50
100
150
200
250
300
350
1
2
3
456
78
9
10
11
12
13
14
15
VDD (V DC)
The Suggested Oscillator Resistor Values are shown below.
PT2607
PT2604
220KΩ
220KΩ
330KΩ
330KΩ
1MΩ
1MΩ
Note:
PT2604’s VCC=3V to 15V and PT2607’s VCC=3V to 15V
It is highly recommended that the oscillator frequency of the decoder be almost equal to that of the
encoder - fosc(decoder)
≅ fosc (encoder).
120K
150K
180K
220K
270K
330K
390K
470K
560K
680K
820K
1M
1.5M
2M


Similar Part No. - PT2604

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2604 PTC-PT2604 Datasheet
46Kb / 2P
   Remote Control Decoder IC
More results

Similar Description - PT2604

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2270 PTC-PT2270_06 Datasheet
549Kb / 18P
   Remote Control Decoder IC
PT2294 PTC-PT2294 Datasheet
326Kb / 19P
   Remote Control Decoder IC
April, 2006
PT2604 PTC-PT2604 Datasheet
46Kb / 2P
   Remote Control Decoder IC
PT2272 PTC-PT2272_08 Datasheet
543Kb / 22P
   Remote Control Decoder
PT2272 PTC-PT2272 Datasheet
664Kb / 8P
   Remote Control Decoder?
PT2271A PTC-PT2271A Datasheet
253Kb / 6P
   Remote Control Decoder?
PT2270 PTC-PT2270 Datasheet
284Kb / 4P
   Remote Control Decoder
logo
List of Unclassifed Man...
SC5272 ETC-SC5272 Datasheet
180Kb / 12P
   REMOTE CONTROL DECODER
logo
Silan Microelectronics ...
SC5272 SILAN-SC5272 Datasheet
795Kb / 12P
   REMOTE CONTROL DECODER PAIRED
logo
NXP Semiconductors
SAA3049A PHILIPS-SAA3049A Datasheet
92Kb / 16P
   Infrared remote control decoder
1996 Sep 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com