Electronic Components Datasheet Search |
|
PMR2512-E-R005-A-1-B Datasheet(PDF) 1 Page - Sirectifier Global Corp. |
|
PMR2512-E-R005-A-1-B Datasheet(HTML) 1 Page - Sirectifier Global Corp. |
1 / 5 page http:// www.sirectsemi.com Power Metal Low OHM Chip Resistor □ FEATURES - Rated power from 0.125 up to 2W - Low resistance value - Excellent temperature coefficient - Excellent frequency response - Lead-Free available □ APPLICATIONS - Current detection - Linear and switching power supplies - Motherboard - Digital camera - Mobile phone □ TECHNICAL SPECIFICATIONS Characteristics Unit Feature Measurement Method Model Value PMR0805 0.125 ~ 0.25 PMR2010 0.5 ~ 2.0 Power Ratings W PMR2512 1.0 ~ 2.0 JIS Code 3A / JIS Code 3D Model Value PMR0805A 10 ~ 200 PMR0805B 10 ~ 200 PMR2010C 1 ~ 200 PMR2010D 1 ~ 500 PMR2010E 1 ~ 500 PMR2512D 5 ~ 10 Resistance Value mΩ PMR2512E 10 ~ 100 Refer to JIS C 5202 5.1 Temperature Coefficient of Resistance ppm/℃ 75 ~ 275 Refer to JIS C 5202 5.2 Operation Temperature Range ֯ C ﹣ 60 ~ ﹢170 - Resistance Tolerance % ± 0.5 ~ 3.0 JIS C 5201 4.2.4 Max. Working Voltage V (P*R)1/2 - Code Dimensions (mm) Letter 0805 2010 2512 L 2.05 ± 0.25 5.10 ± 0.25 6.35 ± 0.25 W 1.30 ± 0.25 2.55 ± 0.25 3.20 ± 0.25 H 0.35 ± 0.15 0.65 ± 0.15 0.55 ± 0.25 E L E C T R O N I C PMR SERIES |
Similar Part No. - PMR2512-E-R005-A-1-B |
|
Similar Description - PMR2512-E-R005-A-1-B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |