Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6301 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT6301
Description  5 x 7 Dot Character x 20-Digit x 2-Line Display Controller/Driver with Character RAM
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6301 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT6301 Datasheet HTML 1Page - Princeton Technology Corp PT6301 Datasheet HTML 2Page - Princeton Technology Corp PT6301 Datasheet HTML 3Page - Princeton Technology Corp PT6301 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Tel: 886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT6301 V1.0
- 3 -
September, 2006
5 x 7 Dot Character x 20-Digit x 2-Line Display
Controller/Driver with Character RAM
PT6301
APPLICATION CIRCUIT
5 x 7-dot matrix fluorescent display tube
ANODE
(SEGMENT)
ANODE
(SEGMENT)
ANODE
(SEGMENT)
GRID
(DIGIT)
VDD
ADA
ADB
SEGB1-B35 SEGA1-A35 COM1-20
VDISP
CS
CP
DA
RESET
L-GND
D-GND
PT6301
235
35
20
Output
Ports
MCU
VDD
GND
OSC
DO
VDISP
R2
*1
ZD
VDD
VDD
R1
C1
*2
Notes:
*1. The VDISP voltage depends on the fluorescent display tube used. Adjust the value of the constants
R2 and ZD to the VDISP voltage used.
*2. The value of R1 & C1 depend on PT6301 IC chip Supply voltage of VDD (R1=8.2KΩ, C1=39pF,
when VDD=5V; R1=6.2KΩ, C1=39pF, when VDD=3.3V).


Similar Part No. - PT6301

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6301 PTC-PT6301 Datasheet
75Kb / 4P
   5 x 7 Dot Character x 20-Digit x 2-Line Display Controller/Driver with Character RAM
More results

Similar Description - PT6301

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6301 PTC-PT6301 Datasheet
75Kb / 4P
   5 x 7 Dot Character x 20-Digit x 2-Line Display Controller/Driver with Character RAM
logo
OKI electronic componet...
ML9203 OKI-ML9203 Datasheet
388Kb / 31P
   5 x 7 Dot Character x 16-Digit x 2-Line Display Controller/Driver with Character RAM
logo
List of Unclassifed Man...
ML9208A-02 ETC2-ML9208A-02 Datasheet
639Kb / 35P
   5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
logo
OKI electronic componet...
ML9206 OKI-ML9206 Datasheet
355Kb / 33P
   5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
logo
LAPIS Semiconductor Co....
ML9208-XX LAPIS-ML9208-XX Datasheet
262Kb / 33P
   5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
logo
OKI electronic componet...
ML9205-01 OKI-ML9205-01 Datasheet
355Kb / 34P
   5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
MSM9202-01 OKI-MSM9202-01 Datasheet
345Kb / 33P
   5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
MSM9200-XX OKI-MSM9200-XX Datasheet
315Kb / 34P
   5 X 7 Dot Character X 16-Digit Display Controller/Driver with Character RAM
ML9208 OKI-ML9208 Datasheet
337Kb / 33P
   5 X 7 Dot Character X 16-Digit Display Controller/Driver with Character RAM
ML9204 OKI-ML9204 Datasheet
288Kb / 41P
   5 X 7 Dot Character X 24-Digit X 2-Line Display Controller/Driver with Character RAM (Built-in Key Scan)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com