Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6315-S Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # PT6315-S
Description  VFD Driver/Controller IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6315-S Datasheet(HTML) 4 Page - Princeton Technology Corp

  PT6315-S_10 Datasheet HTML 1Page - Princeton Technology Corp PT6315-S_10 Datasheet HTML 2Page - Princeton Technology Corp PT6315-S_10 Datasheet HTML 3Page - Princeton Technology Corp PT6315-S_10 Datasheet HTML 4Page - Princeton Technology Corp PT6315-S_10 Datasheet HTML 5Page - Princeton Technology Corp PT6315-S_10 Datasheet HTML 6Page - Princeton Technology Corp PT6315-S_10 Datasheet HTML 7Page - Princeton Technology Corp PT6315-S_10 Datasheet HTML 8Page - Princeton Technology Corp PT6315-S_10 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Tel:886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT6315-S V1.9
- 4 -
September, 2005
VFD Driver/Controller IC
PT6315-S
PIN DESCRIPTION
Pin Name
I/O
Description
Pin No.
CLK
I
Clock Input Pin This pin reads serial data at the rising
edge and outputs data at the falling edge.
1
STB
I
Serial Interface Strobe Pin The data input after the STB
has fallen is processed as a command. When this pin is
“HIGH”, CLK is ignored.
2
K1 to K2
I
Key Data Input Pins The data sent to these pins are
latched at the end of the display cycle.
3, 4
VSS
-
Logic Ground Pin
5, 25
VDD
-
Logic Power Supply
6, 24
SG1/KS1 to SG8/KS8
O
High Voltage Segment Output Pins Also acts as the Key
Source
7 to 14
VEE
-
Pull Down Level
15
SG9/GR8 to SG12/GR5
O
High Voltage Segment/Grid Output Pins
16 to 19
GR4 to GR1
O
High Voltage Grid Output Pins
20 to 23
OSC
I
Oscillator Input Pin A resistor is connected to this pin to
determine the oscillation frequency.
26
DOUT
O
Data Output Pin (N-Channel, Open Drain) This pin
outputs serial data at the falling edge of the shift clock
(starting from the lower bit).
27
DIN
I
Data Input Pin This pin inputs serial data at the rising
edge of the shift clock (starting from the lower bits).
28


Similar Part No. - PT6315-S_10

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6315-SL PTC-PT6315-SL Datasheet
1Mb / 20P
   VFD Driver/Controller IC
More results

Similar Description - PT6315-S_10

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6332 PTC-PT6332 Datasheet
542Kb / 37P
   VFD Driver/Controller IC
PT6318 PTC-PT6318 Datasheet
625Kb / 4P
   VFD Driver/Controller IC
PT6312B PTC-PT6312B Datasheet
323Kb / 21P
   VFD Driver/Controller IC
V1.2
PT6311 PTC-PT6311_10 Datasheet
411Kb / 22P
   VFD Driver/Controller IC
PT6324 PTC-PT6324_10 Datasheet
563Kb / 16P
   VFD Driver/Controller IC
PT6351 PTC-PT6351 Datasheet
53Kb / 3P
   VFD Driver/Controller IC
PT6311 PTC-PT6311 Datasheet
116Kb / 3P
   VFD Driver/Controller IC
PT6312 PTC-PT6312_10 Datasheet
323Kb / 21P
   VFD Driver/Controller IC
PT6313-S PTC-PT6313-S Datasheet
314Kb / 20P
   VFD Driver/Controller IC
PT6355 PTC-PT6355 Datasheet
57Kb / 3P
   VFD Driver/Controller IC
PT6315 PTC-PT6315_10 Datasheet
531Kb / 17P
   VFD Driver/Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com