Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6964-S Datasheet(PDF) 8 Page - Princeton Technology Corp

Part # PT6964-S
Description  LED Driver IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6964-S Datasheet(HTML) 8 Page - Princeton Technology Corp

Back Button PT6964-S Datasheet HTML 4Page - Princeton Technology Corp PT6964-S Datasheet HTML 5Page - Princeton Technology Corp PT6964-S Datasheet HTML 6Page - Princeton Technology Corp PT6964-S Datasheet HTML 7Page - Princeton Technology Corp PT6964-S Datasheet HTML 8Page - Princeton Technology Corp PT6964-S Datasheet HTML 9Page - Princeton Technology Corp PT6964-S Datasheet HTML 10Page - Princeton Technology Corp PT6964-S Datasheet HTML 11Page - Princeton Technology Corp PT6964-S Datasheet HTML 12Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
PT6964
V1.4
8
October 2009
SERIAL COMMUNICATION FORMAT
The following diagram shows the PT6964 serial communication format. The DI/O Pin is an N-channel, open-drain output
pin, therefore, it is highly recommended that an external pull-up resistor (1KΩ to 10KΩ) must be connected to DI/O.
RECEPTION (DATA/COMMAND WRITE)
TRANSMISSION (DATA READ)
where: twait (waiting time)
≥ 1µs
It must be noted that when the data is read, the waiting time (twait) between the rising of the eighth clock that has set the
command and the falling of the first clock that has read the data is greater or equal to 1µs.


Similar Part No. - PT6964-S

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6964-S PTC-PT6964-S Datasheet
317Kb / 5P
   LED Driver IC
PT6964-SL PTC-PT6964-SL Datasheet
317Kb / 5P
   LED Driver IC
More results

Similar Description - PT6964-S

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
   LED Driver IC
logo
Princeton Technology Co...
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
   LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
   LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
   LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
   LED Driver IC
logo
Sanyo Semicon Device
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
   LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
   LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
   LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
   LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com