Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT8405 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT8405
Description  MP3/WMA Decoder and MP3 Encoder IC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT8405 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT8405_10 Datasheet HTML 1Page - Princeton Technology Corp PT8405_10 Datasheet HTML 2Page - Princeton Technology Corp PT8405_10 Datasheet HTML 3Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT8405 V1.1
- 1 -
March, 2006
MP3/WMA Decoder and MP3 Encoder IC
PT8405
DESCRIPTION
The PT8405 is a single chip MPEG audio encoder/decoder capable of decoding all layers compressed
elementary streams, as specified in MPEG 1 and MPEG 2 ISO standards, including the so called MP3.
Enhance with time-stretch and pitch-shift functions, this chip is suitable for language learning
application. Another decoding function that PT8405 support is the Window Media Audio or WMA by
Microsoft.
With external AD converter interface or build-in S/PDIF interface, it can also compress incoming digital
signal into MPEG1/2 layer 3 format, so called MP3.
FEATURES
• Decoder supports all layer and all the sampling frequency of MPEG1 (32/44.1/48KHz), MPEG2
(16/22.05/24KHz) and MPEG 2.5.
• Support Microsoft Window Media Audio V2/V7/V8/V9 format for decoding.
• Support MPEG layer 3 all sampling frequency for encoding.
• Time-stretch and pitch-shift functions for various applications, including language learning
• Serial/parallel bit stream input interface
• Parallel bit stream output interface
• Build-in S/PDIF for MP3 encoding input
• DAC master clock (256*fs
1 / 384*fs for 16 / 24 bit DAC) is supported
• Spectrum analyzer output register for spectrum graphic display
• Build-in volume and digital equalizer control
• Low operating voltage, 2.5V.
• 44-pin plastic LQFP
APPLICATIONS
• Portable MP3/WMA player
• Language learning machine
• PDA, Electronic dictionary
• All other MP3/WMA applications
1 fs: sampling frequency.


Similar Part No. - PT8405_10

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT8405-LQ PTC-PT8405-LQ Datasheet
161Kb / 3P
   MP3/WMA Decoder and MP3 Encoder IC
More results

Similar Description - PT8405_10

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT8405 PTC-PT8405 Datasheet
161Kb / 3P
   MP3/WMA Decoder and MP3 Encoder IC
PT8406 PTC-PT8406 Datasheet
161Kb / 3P
   MP3/WMA Decoder IC
PT8406 PTC-PT8406_10 Datasheet
161Kb / 3P
   MP3/WMA Decoder IC
logo
List of Unclassifed Man...
AU7842 ETC2-AU7842 Datasheet
217Kb / 17P
   USB HOST MP3/WMA DECODER SOC
logo
Rohm
BU9458KV ROHM-BU9458KV Datasheet
210Kb / 5P
   USB host AACWMAMP3 Decoder LSI
logo
Princeton Technology Co...
PT8402 PTC-PT8402 Datasheet
45Kb / 4P
   MP3, AAC Decoder IC
PT8402B PTC-PT8402B_10 Datasheet
185Kb / 5P
   MP3 Audio Decoder IC
logo
List of Unclassifed Man...
VS1003 ETC-VS1003 Datasheet
456Kb / 57P
   MP3 / WMA AUDIO CODEC
logo
Princeton Technology Co...
PT8402B PTC-PT8402B Datasheet
185Kb / 5P
   MP3 Audio Decoder IC
logo
Cirrus Logic
CS7410 CIRRUS-CS7410 Datasheet
366Kb / 39P
   CD/MP3/WMA Audio Controller
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com