Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB8S Datasheet(PDF) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # LB8S
Description  Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

LB8S Datasheet(HTML) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  LB8S Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. LB8S Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
(TA=25℃ unless ontherwise noted)
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
Reverse Voltage 200 and 1000V Forward Current 1.0A
LB2S thru LB10S
+
~
~
Web Site: WWW.PS-PFS.COM


Similar Part No. - LB8S

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LB8S GOOD-ARK-LB8S Datasheet
90Kb / 2P
   Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Microdiode Electronics ...
LB8S CHENDA-LB8S Datasheet
764Kb / 2P
   MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
SUNMATE electronic Co.,...
LB8S SUNMATE-LB8S Datasheet
394Kb / 2P
   SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Microdiode Electronics ...
LB8S CHENDA-LB8S Datasheet
813Kb / 2P
   MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Shanghai Leiditech Elec...
LB8S LEIDITECH-LB8S Datasheet
719Kb / 2P
   Reverse Voltage 200 and 1000V Forward Current 0.8A
More results

Similar Description - LB8S

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LB2SB GOOD-ARK-LB2SB Datasheet
207Kb / 3P
   Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
LB2SA GOOD-ARK-LB2SA Datasheet
173Kb / 2P
   Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
LB2S GOOD-ARK-LB2S Datasheet
90Kb / 2P
   Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
MB1S PFS-MB1S Datasheet
508Kb / 2P
   Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
MB05F PFS-MB05F Datasheet
588Kb / 2P
   Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Vishay Siliconix
MBL104S VISHAY-MBL104S Datasheet
99Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
Revision: 12-Apr-13
MB6S-E3 VISHAY-MB6S-E3 Datasheet
102Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
Revision: 01-Feb-08
MB2S VISHAY-MB2S Datasheet
112Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
Revision: 01-Feb-08
logo
Microdiode Electronics ...
LB1S CHENDA-LB1S Datasheet
813Kb / 2P
   MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Vishay Siliconix
B2S VISHAY-B2S_13 Datasheet
93Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
Revision: 19-Aug-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com