Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT9120 Datasheet(PDF) 9 Page - Princeton Technology Corp

Part # PT9120
Description  GPS Receiver RF Front End IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT9120 Datasheet(HTML) 9 Page - Princeton Technology Corp

Back Button PT9120_10 Datasheet HTML 4Page - Princeton Technology Corp PT9120_10 Datasheet HTML 5Page - Princeton Technology Corp PT9120_10 Datasheet HTML 6Page - Princeton Technology Corp PT9120_10 Datasheet HTML 7Page - Princeton Technology Corp PT9120_10 Datasheet HTML 8Page - Princeton Technology Corp PT9120_10 Datasheet HTML 9Page - Princeton Technology Corp PT9120_10 Datasheet HTML 10Page - Princeton Technology Corp PT9120_10 Datasheet HTML 11Page - Princeton Technology Corp PT9120_10 Datasheet HTML 12Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PT9120
PRE1.3
9
ABSOLUTE MAXIMUM RATINGS
(AVSS=DVSS=VSS=0V)
Parameter
Symbol
Rating
Unit
Supply voltage
VCC
VSS-0.3 to VSS +4.0
V
Soldering temperature
TSLD
255
°C
Soldering time range
tSLD
10
Sec.
Operating temperature
Topr
-40 to 85
°C
Storage temperature
Tstg
-55 to 125
°C
RECOMMEND OPERATING CONDITIONS
(AVSS=DVSS=VSS= 0V)
Rating
Parameter
Symbol
Min.
Typ.
Max.
Unit
Analog supply voltage range
AVDD
2.2
2.5
3.6
V
Digital supply voltage range
DVDD
1.6
2.5
AVDD + 0.2
V
Operating temperature
TA
-40
25
85
°C


Similar Part No. - PT9120_10

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT9120-QF24 PTC-PT9120-QF24 Datasheet
567Kb / 18P
   GPS Receiver RF Front End IC
PT9120-QF28 PTC-PT9120-QF28 Datasheet
567Kb / 18P
   GPS Receiver RF Front End IC
More results

Similar Description - PT9120_10

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT9120 PTC-PT9120 Datasheet
567Kb / 18P
   GPS Receiver RF Front End IC
logo
Mitel Networks Corporat...
GP2010 MITEL-GP2010 Datasheet
151Kb / 24P
   GPS Receiver RF Front End
GP2015 MITEL-GP2015 Datasheet
154Kb / 24P
   GPS Receiver RF Front End
logo
STMicroelectronics
STB5600 STMICROELECTRONICS-STB5600 Datasheet
72Kb / 10P
   GPS RF FRONT-END IC
STB5610 STMICROELECTRONICS-STB5610 Datasheet
158Kb / 11P
   GPS RF FRONT-END IC
logo
List of Unclassifed Man...
ITM2520 ETC-ITM2520 Datasheet
22Kb / 1P
   Cellular/GPS Image-Reject Receiver RF Front-end IC
logo
ATMEL Corporation
ATR0601 ATMEL-ATR0601_06 Datasheet
556Kb / 18P
   GPS Front-end IC
ATR0603 ATMEL-ATR0603 Datasheet
453Kb / 14P
   GPS Front-end IC
ATR0601 ATMEL-ATR0601 Datasheet
1Mb / 17P
   GPS FRONT-END IC
logo
List of Unclassifed Man...
ITM1010 ETC-ITM1010 Datasheet
629Kb / 19P
   CDMA Cellular/CDMA450 Receiver RF Front-end IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com