Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR3PM-12LG Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # BCR3PM-12LG
Description  Triac
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR3PM-12LG Datasheet(HTML) 4 Page - Renesas Technology Corp

  BCR3PM-12LG_10 Datasheet HTML 1Page - Renesas Technology Corp BCR3PM-12LG_10 Datasheet HTML 2Page - Renesas Technology Corp BCR3PM-12LG_10 Datasheet HTML 3Page - Renesas Technology Corp BCR3PM-12LG_10 Datasheet HTML 4Page - Renesas Technology Corp BCR3PM-12LG_10 Datasheet HTML 5Page - Renesas Technology Corp BCR3PM-12LG_10 Datasheet HTML 6Page - Renesas Technology Corp BCR3PM-12LG_10 Datasheet HTML 7Page - Renesas Technology Corp BCR3PM-12LG_10 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BCR3PM-12LG
Preliminary
R07DS0099EJ0300 Rev.3.00
Page 4 of 7
Sep 13, 2010
RMS On-State Current (A)
Maximum On-State Power Dissipation
RMS On-State Current (A)
Allowable Case Temperature vs.
RMS On-State Current
RMS On-State Current (A)
Allowable Ambient Temperature vs.
RMS On-State Current
Junction Temperature (°C)
Repetitive Peak Off-State Current vs.
Junction Temperature
Holding Current vs.
Junction Temperature
Junction Temperature (°C)
RMS On-State Current (A)
Allowable Ambient Temperature vs.
RMS On-State Current
0
1.5
1.0
0.5
2.5
2.0
4.5
4.0
3.5
3.0
5.0
0
0.5 1.0 1.5 2.0
4.0
3.0
2.5
3.5
0
1.5
1.0
0.5
2.0
2.5
3.0
0
20
40
80
60
100
120
140
160
10
3
7
5
3
2
7
5
3
2
10
2
10
1
–60 –40–20 0 20 40 60 80 100 120
160
140
–60 –40–20 0 20 40 60 80 100 120
160
140
10
6
10
2
7
5
3
2
10
5
7
5
3
2
10
4
7
5
3
2
10
3
7
5
3
2
360° Conduction
Resistive,
inductive loads
Natural convection
No fins
Curves apply
regardless of
conduction angle
Resistive,
inductive loads
Typical Example
Typical Example
0
0.5 1.0 1.5 2.0
4.0
3.0
2.5
3.5
0
20
40
80
60
100
120
140
160
Curves apply regardless
of conduction angle
360° Conduction
Resistive,
inductive loads
0
20
40
80
60
100
120
140
160
0
0.5 1.0 1.5 2.0 2.5 3.0
4.0
3.5
60 60 t2.3
100 100 t2.3
120 120 t2.3
Curves apply regardless of
conduction angle
Resistive, inductive loads
Natural convection
All fins are black painted
aluminum and greased


Similar Part No. - BCR3PM-12LG_10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR3PM-12LG-A8 RENESAS-BCR3PM-12LG-A8 Datasheet
136Kb / 8P
   Triac Medium Power Use
More results

Similar Description - BCR3PM-12LG_10

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SCT04N60E KODENSHI-SCT04N60E Datasheet
388Kb / 6P
   Triac
SCT06N60FD KODENSHI-SCT06N60FD Datasheet
306Kb / 6P
   Triac
SCT25N60P KODENSHI-SCT25N60P Datasheet
371Kb / 6P
   Triac
SDB0740 KODENSHI-SDB0740 Datasheet
250Kb / 5P
   Triac
logo
Unisonic Technologies
UT139E UTC-UT139E Datasheet
139Kb / 3P
   TRIAC
UT139G UTC-UT139G Datasheet
151Kb / 4P
   TRIAC
logo
SEMTECH ELECTRONICS LTD...
STBT134T SEMTECH_ELEC-STBT134T Datasheet
172Kb / 2P
   TRIAC
logo
Renesas Technology Corp
BCR16PM-12LG RENESAS-BCR16PM-12LG_10 Datasheet
108Kb / 8P
   Triac
logo
Unisonic Technologies
UT136E UTC-UT136E_11 Datasheet
156Kb / 3P
   TRIAC
logo
Renesas Technology Corp
BCR8LM-14LB RENESAS-BCR8LM-14LB Datasheet
107Kb / 8P
   Triac
BCR10LM-12LB RENESAS-BCR10LM-12LB Datasheet
107Kb / 8P
   Triac
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com