Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR8LM-14LB Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # BCR8LM-14LB
Description  Triac
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR8LM-14LB Datasheet(HTML) 5 Page - Renesas Technology Corp

  BCR8LM-14LB Datasheet HTML 1Page - Renesas Technology Corp BCR8LM-14LB Datasheet HTML 2Page - Renesas Technology Corp BCR8LM-14LB Datasheet HTML 3Page - Renesas Technology Corp BCR8LM-14LB Datasheet HTML 4Page - Renesas Technology Corp BCR8LM-14LB Datasheet HTML 5Page - Renesas Technology Corp BCR8LM-14LB Datasheet HTML 6Page - Renesas Technology Corp BCR8LM-14LB Datasheet HTML 7Page - Renesas Technology Corp BCR8LM-14LB Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BCR8LM-14LB
Preliminary
R07DS0072EJ0100 Rev.1.00
Page 5 of 7
Jul 27, 2010
Holding Current vs.
Junction Temperature
Junction Temperature (°C)
Latching Current vs.
Junction Temperature
Junction Temperature (°C)
Rate of Rise of Off-State Voltage (V/
μs)
Breakover Voltage vs.
Rate of Rise of Off-State Voltage (Tj = 125°C)
Rate of Rise of Off-State Voltage (V/
μs)
Breakover Voltage vs.
Rate of Rise of Off-State Voltage (Tj = 150°C)
Breakover Voltage vs.
Junction Temperature
Junction Temperature (°C)
Commutation Characteristics (Tj = 125°C)
Rate of Decay of On-State
Commutating Current (A/ms)
10
3
7
5
3
2
7
5
3
2
7
5
3
2
10
2
10
1
10
0
–40
0
40
80
120
160
103
5
7
3
2
5
4
4
7
3
2
102
101
–60
–20
20
60
100
160
140
–40
0
40
80
120
2
3
5
7
2
3
5
7
7
10
1
10
0
10
0
10
1
10
2
37
25
3
7
25
Typical Example
Distribution
T2+, G–
Typical Example
T2+, G+
T2–, G–
Typical Example
I Quadrant
Typical Example
Tj = 125°C
IT = 4A
τ = 500μs
VD = 200V
f = 3Hz
Main Voltage
Main Current
IT
(di/dt)c
τ
VD
Time
Time
(dv/dt)c
III Quadrant
Minimum
Characteristics
Value
0
20
40
80
60
100
120
140
160
–60 –40–20 0 20 40 60 80 100 120
160
140
23 5 710
2
10
1
23 5 710
3
23 5 710
4
0
20
40
80
60
100
120
160
140
23
101
57 102 23 5 7 103 23 5 7 104
120
0
20
40
60
80
100
140
160
Typical Example
Tj = 125°C
III Quadrant
I Quadrant
Typical Example
Typical Example
Tj = 150°C
III Quadrant
I Quadrant


Similar Part No. - BCR8LM-14LB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR8LM-14LB RENESAS-BCR8LM-14LB Datasheet
104Kb / 8P
   Triac Medium Power Use
logo
Inchange Semiconductor ...
BCR8LM-14LB ISC-BCR8LM-14LB Datasheet
156Kb / 1P
   isc Thyristors
logo
Renesas Technology Corp
BCR8LM-14LB-A8 RENESAS-BCR8LM-14LB-A8 Datasheet
104Kb / 8P
   Triac Medium Power Use
BCR8LM-14LB RENESAS-BCR8LM-14LB_11 Datasheet
104Kb / 8P
   Triac Medium Power Use
BCR8LM-14LB RENESAS-BCR8LM-14LB_15 Datasheet
104Kb / 8P
   Triac Medium Power Use
More results

Similar Description - BCR8LM-14LB

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SCT04N60E KODENSHI-SCT04N60E Datasheet
388Kb / 6P
   Triac
SCT06N60FD KODENSHI-SCT06N60FD Datasheet
306Kb / 6P
   Triac
SCT25N60P KODENSHI-SCT25N60P Datasheet
371Kb / 6P
   Triac
SDB0740 KODENSHI-SDB0740 Datasheet
250Kb / 5P
   Triac
logo
Unisonic Technologies
UT139E UTC-UT139E Datasheet
139Kb / 3P
   TRIAC
UT139G UTC-UT139G Datasheet
151Kb / 4P
   TRIAC
logo
SEMTECH ELECTRONICS LTD...
STBT134T SEMTECH_ELEC-STBT134T Datasheet
172Kb / 2P
   TRIAC
logo
Renesas Technology Corp
BCR16PM-12LG RENESAS-BCR16PM-12LG_10 Datasheet
108Kb / 8P
   Triac
logo
Unisonic Technologies
UT136E UTC-UT136E_11 Datasheet
156Kb / 3P
   TRIAC
logo
Renesas Technology Corp
BCR10LM-12LB RENESAS-BCR10LM-12LB Datasheet
107Kb / 8P
   Triac
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com