Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR10LM-12LB Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # BCR10LM-12LB
Description  Triac
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR10LM-12LB Datasheet(HTML) 7 Page - Renesas Technology Corp

  BCR10LM-12LB Datasheet HTML 1Page - Renesas Technology Corp BCR10LM-12LB Datasheet HTML 2Page - Renesas Technology Corp BCR10LM-12LB Datasheet HTML 3Page - Renesas Technology Corp BCR10LM-12LB Datasheet HTML 4Page - Renesas Technology Corp BCR10LM-12LB Datasheet HTML 5Page - Renesas Technology Corp BCR10LM-12LB Datasheet HTML 6Page - Renesas Technology Corp BCR10LM-12LB Datasheet HTML 7Page - Renesas Technology Corp BCR10LM-12LB Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
BCR10LM-12LB
Preliminary
R07DS0064EJ0100 Rev.1.00
Page 7 of 7
Jul 27, 2010
Package Dimensions
Unit: mm
Previous Code
PRSS0003AF-A
TO-220FL
MASS[Typ.]
1.5g
RENESAS Code
JEITA Package Code
Package Name
TO-220FL
10.0
± 0.3
φ 3.2 ± 0.2
0.75
± 0.15
1.15
± 0.2
2.54
± 0.25
2.54
± 0.25
0.40
± 0.15
2.8
± 0.2
1.15
± 0.2
Order Code
Lead form
Standard packing
Quantity
Standard order code
Standard order
code example
Straight type
Plastic Magazine (Tube)
50
Type name
BCR10LM-12LB
Lead form
Plastic Magazine (Tube)
50
Type name – Lead forming code
BCR10LM-12LB-A8
Note:
Please confirm the specification about the shipping in detail.


Similar Part No. - BCR10LM-12LB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR10LM-12LB RENESAS-BCR10LM-12LB_15 Datasheet
107Kb / 8P
   Triac Medium Power Use
More results

Similar Description - BCR10LM-12LB

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SCT04N60E KODENSHI-SCT04N60E Datasheet
388Kb / 6P
   Triac
SCT06N60FD KODENSHI-SCT06N60FD Datasheet
306Kb / 6P
   Triac
SCT25N60P KODENSHI-SCT25N60P Datasheet
371Kb / 6P
   Triac
SDB0740 KODENSHI-SDB0740 Datasheet
250Kb / 5P
   Triac
logo
Unisonic Technologies
UT139E UTC-UT139E Datasheet
139Kb / 3P
   TRIAC
UT139G UTC-UT139G Datasheet
151Kb / 4P
   TRIAC
logo
SEMTECH ELECTRONICS LTD...
STBT134T SEMTECH_ELEC-STBT134T Datasheet
172Kb / 2P
   TRIAC
logo
Renesas Technology Corp
BCR16PM-12LG RENESAS-BCR16PM-12LG_10 Datasheet
108Kb / 8P
   Triac
logo
Unisonic Technologies
UT136E UTC-UT136E_11 Datasheet
156Kb / 3P
   TRIAC
logo
Renesas Technology Corp
BCR8LM-14LB RENESAS-BCR8LM-14LB Datasheet
107Kb / 8P
   Triac
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com