Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

118A Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 118A
Description  RENESAS MCU
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

118A Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 118A Datasheet HTML 2Page - Renesas Technology Corp 118A Datasheet HTML 3Page - Renesas Technology Corp 118A Datasheet HTML 4Page - Renesas Technology Corp 118A Datasheet HTML 5Page - Renesas Technology Corp 118A Datasheet HTML 6Page - Renesas Technology Corp 118A Datasheet HTML 7Page - Renesas Technology Corp 118A Datasheet HTML 8Page - Renesas Technology Corp 118A Datasheet HTML 9Page - Renesas Technology Corp 118A Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 130 page
background image
REJ03B0299-0100
Rev.1.00
Page 6 of 127
Jul 16, 2010
R32C/118A Group
1. Overview
1.2
Product Information
Table 1.5 lists the product information and Figure 1.1 shows the details of the part number.
Notes:
1.
The old package codes are as follows:PLQP0144KA-A: 144P6Q-A, PLQP0176KB-A: 176P6Q-A
2.
Data flash memory provides an additional 8 Kbytes of ROM capacity.
Table 1.5
R32C/118A Group Product List
As of July, 2010
Part Number
Package Code (1)
ROM Capacity (2)
RAM Capacity
Remarks
R5F6418JANFE
(P)
PLQP0176KB-A
512 Kbytes
+ 8 Kbytes
96 Kbytes
-20°C to 85°C (N version)
R5F6418JADFE
(P)
-40°C to 85°C (D version)
R5F6418JAPFE
(P)
-40°C to 85°C (P version)
R5F6418JANFD
(P)
PLQP0144KA-A
-20°C to 85°C (N version)
R5F6418JADFD
(P)
-40°C to 85°C (D version)
R5F6418JAPFD
(P)
-40°C to 85°C (P version)
R5F6418KANFE
(P)
PLQP0176KB-A
640 Kbytes
+ 8 Kbytes
96 Kbytes
-20°C to 85°C (N version)
R5F6418KADFE
(P)
-40°C to 85°C (D version)
R5F6418KAPFE
(P)
-40°C to 85°C (P version)
R5F6418KANFD
(P)
PLQP0144KA-A
-20°C to 85°C (N version)
R5F6418KADFD
(P)
-40°C to 85°C (D version)
R5F6418KAPFD
(P)
-40°C to 85°C (P version)
R5F6418LANFE
(P)
PLQP0176KB-A
768 Kbytes
+ 8 Kbytes
96 Kbytes
-20°C to 85°C (N version)
R5F6418LADFE
(D)
-40°C to 85°C (D version)
R5F6418LAPFE
(D)
-40°C to 85°C (P version)
R5F6418LANFD
(P)
PLQP0144KA-A
-20°C to 85°C (N version)
R5F6418LADFD
(D)
-40°C to 85°C (D version)
R5F6418LAPFD
(D)
-40°C to 85°C (P version)
R5F6418MANFE
(P)
PLQP0176KB-A
1 Mbyte
+ 8 Kbytes
96 Kbytes
-20°C to 85°C (N version)
R5F6418MADFE
(D)
-40°C to 85°C (D version)
R5F6418MAPFE
(D)
-40°C to 85°C (P version)
R5F6418MANFD
(P)
PLQP0144KA-A
-20°C to 85°C (N version)
R5F6418MADFD
(D)
-40°C to 85°C (D version)
R5F6418MAPFD
(D)
-40°C to 85°C (P version)
(D): Under development
(P): On planning phase


Similar Part No. - 118A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
118AHT ETC-118AHT Datasheet
1,008Kb / 19P
   Aluminum electrolytic capacitors Axial High Temperature
logo
Vishay Siliconix
118AHT VISHAY-118AHT Datasheet
150Kb / 11P
   Aluminum Capacitors Axial High Temperature
Revision: 30-May-08
118AHT VISHAY-118AHT Datasheet
245Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
Revision: 20-Apr-17
118AHT VISHAY-118AHT Datasheet
223Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
01-Jan-2023
118AHT VISHAY-118AHT_17 Datasheet
245Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
Revision: 20-Apr-17
More results

Similar Description - 118A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com