Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJE0615JSP-00-J3 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RJE0615JSP-00-J3
Description  Silicon P Channel MOS FET Series Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJE0615JSP-00-J3 Datasheet(HTML) 6 Page - Renesas Technology Corp

  RJE0615JSP-00-J3 Datasheet HTML 1Page - Renesas Technology Corp RJE0615JSP-00-J3 Datasheet HTML 2Page - Renesas Technology Corp RJE0615JSP-00-J3 Datasheet HTML 3Page - Renesas Technology Corp RJE0615JSP-00-J3 Datasheet HTML 4Page - Renesas Technology Corp RJE0615JSP-00-J3 Datasheet HTML 5Page - Renesas Technology Corp RJE0615JSP-00-J3 Datasheet HTML 6Page - Renesas Technology Corp RJE0615JSP-00-J3 Datasheet HTML 7Page - Renesas Technology Corp RJE0615JSP-00-J3 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
RJE0615JSP
Preliminary
R07DS0124EJ0200 Rev.2.00
Page 6 of 7
Sep 01, 2010
50
Ω
Vin Monitor
D.U.T.
Vin
–10 V
RL
VDD
= –30 V
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
Vout
Monitor
90%
10%
tf
Switching Time Test Circuit
Switching Time Waveform


Similar Part No. - RJE0615JSP-00-J3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RJE0615JSP VBSEMI-RJE0615JSP Datasheet
1Mb / 9P
   P-Channel 60 V (D-S) MOSFET
logo
Renesas Technology Corp
RJE0615JSP RENESAS-RJE0615JSP_15 Datasheet
106Kb / 8P
   -60 V, -10A Silicon P Channel Thermal FET Power Switching
More results

Similar Description - RJE0615JSP-00-J3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAF1009 RENESAS-HAF1009 Datasheet
113Kb / 10P
   Silicon P Channel MOS FET Series Power Switching
RJE0603JPE RENESAS-RJE0603JPE_15 Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Series Power Switching
RJE0609JPD RENESAS-RJE0609JPD_15 Datasheet
90Kb / 7P
   Silicon P Channel MOS FET Series Power Switching
HAF1004 RENESAS-HAF1004_15 Datasheet
138Kb / 12P
   Silicon P Channel MOS FET Series Power Switching
HAF1008 RENESAS-HAF1008_15 Datasheet
140Kb / 13P
   Silicon P Channel MOS FET Series Power Switching
HAF1010RJ RENESAS-HAF1010RJ Datasheet
147Kb / 7P
   Silicon P Channel MOS FET Series Power Switching
RJE0616JSP RENESAS-RJE0616JSP Datasheet
99Kb / 8P
   Silicon P Channel MOS FET Series Power Switching
RJE0607JSP RENESAS-RJE0607JSP_15 Datasheet
101Kb / 8P
   Silicon P Channel MOS FET Series Power Switching
HAF1001 RENESAS-HAF1001 Datasheet
88Kb / 8P
   Silicon P Channel MOS FET Series Power Switching
RJE0601JPE RENESAS-RJE0601JPE Datasheet
91Kb / 7P
   Silicon P Channel MOS FET Series Power Switching
RJE0609JPD RENESAS-RJE0609JPD Datasheet
90Kb / 7P
   Silicon P Channel MOS FET Series Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com