Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK0653DPB-00-J5 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJK0653DPB-00-J5
Description  Silicon N Channel Power MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0653DPB-00-J5 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJK0653DPB-00-J5 Datasheet HTML 1Page - Renesas Technology Corp RJK0653DPB-00-J5 Datasheet HTML 2Page - Renesas Technology Corp RJK0653DPB-00-J5 Datasheet HTML 3Page - Renesas Technology Corp RJK0653DPB-00-J5 Datasheet HTML 4Page - Renesas Technology Corp RJK0653DPB-00-J5 Datasheet HTML 5Page - Renesas Technology Corp RJK0653DPB-00-J5 Datasheet HTML 6Page - Renesas Technology Corp RJK0653DPB-00-J5 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R07DS0078EJ0102 Rev.1.02
Page 1 of 6
Jul 30, 2010
Preliminary Datasheet
RJK0653DPB
Silicon N Channel Power MOS FET
Power Switching
Features
 High speed switching
 Capable of 4.5 V gate drive
 Low drive current
 High density mounting
 Low on-resistance
RDS(on) = 3.8 mtyp. (at VGS = 10 V)
 Pb-free
 Halogen-free
Outline
RENESAS Package code: PTZZ0005DA-A
(Package name: LFPAK)
G
D
SSS
4
1 23
5
1, 2, 3
Source
4
Gate
5
Drain
1 2
3 4
5
Application
 Switching Mode Power Supply
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
60
V
Gate to source voltage
VGSS
20
V
Drain current
ID
45
A
Drain peak current
ID(pulse)
Note1
180
A
Body-drain diode reverse drain current
IDR
45
A
Avalanche current
IAP
Note 2
22.5
A
Avalanche energy
EAR
Note 2
38
mJ
Channel dissipation
Pch
Note3
65
W
Channel to Case Thermal Resistance
ch-C
1.92
C/W
Channel temperature
Tch
150
C
Storage temperature
Tstg
–55 to +150
C
Notes: 1. PW
 10 s, duty cycle  1%
2. Value at Tch = 25
C, Rg  50 
3. Tc = 25
C
This product is for the low voltage drive (
 10V).
If the driving voltage is over 10 V under normal conditions, please use the product for high gate to source cutoff voltage
(VGS(off)) which characteristics has been improved.
R07DS0078EJ0102
(Previous: REJ03G1760-0101)
Rev.1.02
Jul 30, 2010


Similar Part No. - RJK0653DPB-00-J5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0653DPB-00-J5 RENESAS-RJK0653DPB-00-J5 Datasheet
108Kb / 7P
   60V, 45A, 4.8m max. Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - RJK0653DPB-00-J5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2299WP RENESAS-HAT2299WP Datasheet
108Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2142H RENESAS-HAT2142H Datasheet
125Kb / 12P
   Silicon N Channel Power MOS FET Power Switching
HAT2171H RENESAS-HAT2171H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2183WP RENESAS-HAT2183WP_15 Datasheet
111Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2184WP RENESAS-HAT2184WP_15 Datasheet
130Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2169H RENESAS-HAT2169H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2096H RENESAS-HAT2096H_15 Datasheet
104Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2193WP RENESAS-HAT2193WP_15 Datasheet
121Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_15 Datasheet
112Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_16 Datasheet
216Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
RJK0211DPA RENESAS-RJK0211DPA Datasheet
71Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com