Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMR8050-D-R005-C-3-B Datasheet(PDF) 2 Page - Sirectifier Global Corp.

Part # PMR8050-D-R005-C-3-B
Description  Power Metal Low OHM Chip Resistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

PMR8050-D-R005-C-3-B Datasheet(HTML) 2 Page - Sirectifier Global Corp.

  PMR8050-D-R005-C-3-B Datasheet HTML 1Page - Sirectifier Global Corp. PMR8050-D-R005-C-3-B Datasheet HTML 2Page - Sirectifier Global Corp. PMR8050-D-R005-C-3-B Datasheet HTML 3Page - Sirectifier Global Corp. PMR8050-D-R005-C-3-B Datasheet HTML 4Page - Sirectifier Global Corp. PMR8050-D-R005-C-3-B Datasheet HTML 5Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
http:// www.sirectsemi.com
STANDARD ELECTRICAL SPECIFICATIONS
Model
Power
Rating
(W)
Resistance
Range
(Ω)
RTC
(ppm/
֯
C)
Tolerance
(%)
Dimensions
(mm)
PMR0805
0.125
0.01-0.20
±
75
±
100
±
150
±
275
±
0.5
±
1
±
3
L=2.05mm±0.25mm
W=1.30mm±0.25mm
H=0.35mm±0.15mm
PMR0805
0.25
0.01-0.20
±
75
±
100
±
150
±
275
±
0.5
±
1
±
3
L=2.05mm±0.25mm
W=1.30mm±0.25mm
H=0.35mm±0.15mm
PMR2010
0.5
0.001-0.20
±
75
±
100
±
150
±
275
±
0.5
±
1
±
3
L=5.10mm±0.25mm
W=2.55mm±0.25mm
H=0.65mm±0.15mm
PMR2010
1.0
0.001-0.5
±
75
±
100
±
150
±
275
±
0.5
±
1
±
3
L=5.10mm±0.25mm
W=2.55mm±0.25mm
H=0.65mm±0.15mm
PMR2010
2.0
0.001-0.5
±
75
±
100
±
150
±
275
±
0.5
±
1
±
3
L=5.10mm±0.25mm
W=2.55mm±0.25mm
H=0.65mm±0.15mm
PMR2512
1.0
0.005-0.01
±
75
±
100
±
150
±
275
±
0.5
±
1
±
3
L=6.35mm±0.25mm
W=3.20mm±0.25mm
H=0.65mm±0.15mm
PMR2512
2.0
0.01-0.1
±
75
±
100
±
150
±
275
±
0.5
±
1
±
3
L=6.35mm±0.25mm
W=3.20mm±0.25mm
H=0.65mm±0.15mm
PMR SERIES


Similar Part No. - PMR8050-D-R005-C-3-B

ManufacturerPart #DatasheetDescription
logo
Rohm
PMR ROHM-PMR Datasheet
994Kb / 8P
   Ultra-low ohmic jumper chip resistors
logo
Vishay Siliconix
PMR VISHAY-PMR Datasheet
128Kb / 7P
   Analog Displacement Sensors for Transportation Applications
Revision: 09-Sep-15
logo
Bud Industries, Inc.
PMR-14315 BUD-PMR-14315 Datasheet
77Kb / 1P
   PANEL MOUNTING RAIL
PMR-2002 BUD-PMR-2002 Datasheet
77Kb / 1P
   PANEL MOUNTING RAIL
PMR-2331 BUD-PMR-2331 Datasheet
77Kb / 1P
   PANEL MOUNTING RAIL
More results

Similar Description - PMR8050-D-R005-C-3-B

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
PRM SIRECT-PRM Datasheet
238Kb / 5P
   Power Metal Low OHM Chip Resistor
logo
WALSIN TECHNOLOGY CORPO...
WWXXD WALSIN-WWXXD Datasheet
505Kb / 8P
   Metal Foil Low Ohm Power Chip Resistor
logo
List of Unclassifed Man...
RLP-K-HTS-0001-9 ETC-RLP-K-HTS-0001-9 Datasheet
238Kb / 20P
   METAL-PLATE CHIP RESISTOR; LOW OHM
2015.12.25
logo
Riedon Powertron
CSR1206 RIEDON-CSR1206_13 Datasheet
185Kb / 3P
   Ultra Low Ohm (Metal Strip) Chip Resistor
CSR1206 RIEDON-CSR1206 Datasheet
219Kb / 2P
   Ultra Low Ohm (Metal Strip) Chip Resistor
logo
WALSIN TECHNOLOGY CORPO...
WW12R_V WALSIN-WW12R_V Datasheet
583Kb / 9P
   Metal low ohm power chip resistors
WW12R WALSIN-WW12R Datasheet
749Kb / 11P
   Metal Low Ohm Power Chip Resistors
WW12L WALSIN-WW12L Datasheet
573Kb / 10P
   Thick Film Power Low Ohm Chip Resistor
WW25Q WALSIN-WW25Q Datasheet
238Kb / 8P
   Metal plate low ohm power chip resistors
WW12K WALSIN-WW12K Datasheet
505Kb / 7P
   Metal Ultra low ohm power chip resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com