Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK1536DPN Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJK1536DPN
Description  N-Channel Power MOSFET High-Speed Switching Use
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK1536DPN Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJK1536DPN Datasheet HTML 1Page - Renesas Technology Corp RJK1536DPN Datasheet HTML 2Page - Renesas Technology Corp RJK1536DPN Datasheet HTML 3Page - Renesas Technology Corp RJK1536DPN Datasheet HTML 4Page - Renesas Technology Corp RJK1536DPN Datasheet HTML 5Page - Renesas Technology Corp RJK1536DPN Datasheet HTML 6Page - Renesas Technology Corp RJK1536DPN Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
REJ03G1594-0300 Rev.3.00
Page 1 of 6
Jun 30, 2010
Preliminary Datasheet
RJK1536DPN
N-Channel Power MOSFET
High-Speed Switching Use
Features
 V
DSS : 150 V
 R
DS(on) : 30 m (Max)
 I
D : 50 A
Outline
1. Gate
2. Drain
3. Source
4. Drain
(Package name: TO-220AB)
1
2
3
4
RENESAS Package code: PRSS0004AC-A
D
2, 4
G
1
S
3
Application
 Motor control, Solenoid control, DC-DC converter, etc.
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
150
V
Gate to source voltage
VGSS
±20
V
Drain current
ID
50
A
Drain peak current
ID (pulse)
100
A
Body-drain diode reverse drain current
IDR
50
A
Body-drain diode reverse drain peak current
IDR (pulse)
100
A
Avalanche current
IAP
Note2
25
A
Channel dissipation
Pch
Note1
125
W
Channel to case thermal impedance
ch-c
1.0
C/W
Channel temperature
Tch
150
C
Storage temperature
Tstg
–55 to +150
C
Notes: 1. Value at Tc = 25
C
2. STch = 25
C, Tch  150C, L = 100 H
REJ03G1594-0300
Rev.3.00
Jun 30, 2010


Similar Part No. - RJK1536DPN

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK1536DPN RENESAS-RJK1536DPN Datasheet
117Kb / 7P
   N-Channel Power MOSFET High-Speed Switching Use
logo
SHENZHEN DOINGTER SEMIC...
RJK1536DPN DOINGTER-RJK1536DPN Datasheet
1Mb / 7P
   N-Channel MOSFET uses advanced trench technology
logo
Renesas Technology Corp
RJK1536DPN-00-02 RENESAS-RJK1536DPN-00-02 Datasheet
117Kb / 7P
   N-Channel Power MOSFET High-Speed Switching Use
RJK1536DPN RENESAS-RJK1536DPN_15 Datasheet
85Kb / 7P
   N-Channel Power MOSFET High-Speed Switching Use
More results

Similar Description - RJK1536DPN

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK1008DPP-E0 RENESAS-RJK1008DPP-E0 Datasheet
90Kb / 7P
   N-Channel Power MOSFET High-Speed Switching Use
RJK1008DPN RENESAS-RJK1008DPN_15 Datasheet
126Kb / 9P
   N-Channel Power MOSFET High-Speed Switching Use
RJK1021DPN RENESAS-RJK1021DPN Datasheet
106Kb / 7P
   N-Channel Power MOSFET High-Speed Switching Use
RJK1008DPN RENESAS-RJK1008DPN Datasheet
107Kb / 7P
   N-Channel Power MOSFET High-Speed Switching Use
RJK1536DPE RENESAS-RJK1536DPE Datasheet
114Kb / 7P
   N-Channel Power MOSFET High-Speed Switching Use
RJK1536DPE RENESAS-RJK1536DPE_10 Datasheet
85Kb / 7P
   N-Channel Power MOSFET High-Speed Switching Use
RJK1008DPP RENESAS-RJK1008DPP Datasheet
107Kb / 7P
   N-Channel Power MOSFET High-Speed Switching Use
RJK1536DPN RENESAS-RJK1536DPN Datasheet
117Kb / 7P
   N-Channel Power MOSFET High-Speed Switching Use
RJK1536DPN RENESAS-RJK1536DPN_15 Datasheet
85Kb / 7P
   N-Channel Power MOSFET High-Speed Switching Use
RJK1008DPE RENESAS-RJK1008DPE_15 Datasheet
128Kb / 9P
   N-Channel Power MOSFET High-Speed Switching Use
RJK1008DPE RENESAS-RJK1008DPE Datasheet
104Kb / 7P
   N-Channel Power MOSFET High-Speed Switching Use
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com