Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK5015DPK-00-T0 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJK5015DPK-00-T0
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK5015DPK-00-T0 Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJK5015DPK-00-T0 Datasheet HTML 1Page - Renesas Technology Corp RJK5015DPK-00-T0 Datasheet HTML 2Page - Renesas Technology Corp RJK5015DPK-00-T0 Datasheet HTML 3Page - Renesas Technology Corp RJK5015DPK-00-T0 Datasheet HTML 4Page - Renesas Technology Corp RJK5015DPK-00-T0 Datasheet HTML 5Page - Renesas Technology Corp RJK5015DPK-00-T0 Datasheet HTML 6Page - Renesas Technology Corp RJK5015DPK-00-T0 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RJK5015DPK
Preliminary
REJ03G1360-0300 Rev.3.00
Page 4 of 6
Jun 30, 2010
1
3
10
30
100
300
1000
1000
200
500
100
20
50
10
2
5
1
0
100
200
300
30000
10000
100000
1000
3000
800
0
16
600
12
400
8
200
4
20
40
60
80
100
0
300
100
30
10
VGS = 0
f = 1 MHz
Ciss
Coss
Crss
ID = 25 A
VDS
VGS
Reverse Drain Current
IDR (A)
Body-Drain Diode Reverse
Recovery Time
Drain to Source Voltage
VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
Gate Charge
Qg (nC)
Dynamic Input Characteristics
di / dt = 100 A /
μs
VGS = 0, Ta = 25°C
VDD = 100 V
250 V
400 V
VDD = 400 V
250 V
100 V
0
0.4
0.8
1.2
1.6
2.0
50
20
Source to Drain Voltage
VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage
Pulse Test
5
4
3
2
1
-25
0
50
100
150
25
125
75
0
Case Temperature
Tc (
°C)
Gate to Source Cutoff Voltage
vs. Case Temperature
VDS = 10 V
ID = 10 mA
1 mA
0.1 mA
10
30
40
VGS = 0 V, −5 V
5 V, 10 V


Similar Part No. - RJK5015DPK-00-T0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK5015DPK-00-T0 RENESAS-RJK5015DPK-00-T0 Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - RJK5015DPK-00-T0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com