Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN4860 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN4860
Description  3MHz, 5V Output Synchronous TinyBoost??Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4860 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN4860 Datasheet HTML 3Page - Fairchild Semiconductor FAN4860 Datasheet HTML 4Page - Fairchild Semiconductor FAN4860 Datasheet HTML 5Page - Fairchild Semiconductor FAN4860 Datasheet HTML 6Page - Fairchild Semiconductor FAN4860 Datasheet HTML 7Page - Fairchild Semiconductor FAN4860 Datasheet HTML 8Page - Fairchild Semiconductor FAN4860 Datasheet HTML 9Page - Fairchild Semiconductor FAN4860 Datasheet HTML 10Page - Fairchild Semiconductor FAN4860 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4860 • Rev. 1.0.3
7
Typical Characteristics
Unless otherwise specified, circuit per Figure 1, 3.6VIN, TA=25°C.
Figure 18 Line Transient, 5mA Load, 10µs Step
Figure 19 Line Transient, 200mA Load, 10µs Step
Figure 20 Startup, No Load
Figure 21 Startup, 33
Ω Load
Figure 22 Shutdown, 1K
Ω Load
Figure 23 Shutdown, 33
Ω Load


Similar Part No. - FAN4860

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN4860 ONSEMI-FAN4860 Datasheet
1Mb / 21P
   3 MHz, Synchronous TinyBoost Regulator
February 2014 Rev. 1.1.1
FAN4860UC33X ONSEMI-FAN4860UC33X Datasheet
1Mb / 21P
   3 MHz, Synchronous TinyBoost Regulator
February 2014 Rev. 1.1.1
FAN4860UC54X ONSEMI-FAN4860UC54X Datasheet
1Mb / 21P
   3 MHz, Synchronous TinyBoost Regulator
February 2014 Rev. 1.1.1
FAN4860UC5X ONSEMI-FAN4860UC5X Datasheet
1Mb / 21P
   3 MHz, Synchronous TinyBoost Regulator
February 2014 Rev. 1.1.1
FAN4860UMP5X ONSEMI-FAN4860UMP5X Datasheet
1Mb / 21P
   3 MHz, Synchronous TinyBoost Regulator
February 2014 Rev. 1.1.1
More results

Similar Description - FAN4860

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN48685 ONSEMI-FAN48685 Datasheet
470Kb / 12P
   Fixed-Output Synchronous TinyBoost Regulator
July, 2018 ??Rev. 0
FAN48619 ONSEMI-FAN48619 Datasheet
1Mb / 12P
   Fixed-Output Synchronous TinyBoost Regulator
December 2015 Rev. 1.0
FAN48614 ONSEMI-FAN48614 Datasheet
527Kb / 4P
   Fixed-Output Synchronous TinyBoost Regulator
July 2015 Rev. 1.4
FAN48615 ONSEMI-FAN48615 Datasheet
1Mb / 12P
   Fixed-Output Synchronous TinyBoost Regulator
September 2016 Rev. 1.0
FAN48617 ONSEMI-FAN48617 Datasheet
1Mb / 11P
   Fixed-Output Synchronous TinyBoost Regulator
August 2016 Rev.1.0
FAN48610 ONSEMI-FAN48610 Datasheet
775Kb / 12P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
August 2015 Rev. 1.5
logo
Fairchild Semiconductor
FAN48610 FAIRCHILD-FAN48610 Datasheet
1Mb / 13P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
logo
ON Semiconductor
FAN48695 ONSEMI-FAN48695 Datasheet
620Kb / 14P
   Synchronous Regulator, TINYBOOST, 2.5 MHz
March, 2020 ??Rev. 1
FAN4860 ONSEMI-FAN4860 Datasheet
1Mb / 21P
   3 MHz, Synchronous TinyBoost Regulator
February 2014 Rev. 1.1.1
FAN4868 ONSEMI-FAN4868 Datasheet
309Kb / 12P
   3 MHz, Synchronous TinyBoost Regulator
October, 2018 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com