Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F64188HNFB Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R5F64188HNFB
Description  RENESAS MCU
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64188HNFB Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R5F64188HNFB Datasheet HTML 2Page - Renesas Technology Corp R5F64188HNFB Datasheet HTML 3Page - Renesas Technology Corp R5F64188HNFB Datasheet HTML 4Page - Renesas Technology Corp R5F64188HNFB Datasheet HTML 5Page - Renesas Technology Corp R5F64188HNFB Datasheet HTML 6Page - Renesas Technology Corp R5F64188HNFB Datasheet HTML 7Page - Renesas Technology Corp R5F64188HNFB Datasheet HTML 8Page - Renesas Technology Corp R5F64188HNFB Datasheet HTML 9Page - Renesas Technology Corp R5F64188HNFB Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 126 page
background image
REJ03B0255-0110
Rev.1.10
Page 6 of 123
Jun 23, 2010
R32C/118 Group
1. Overview
1.2
Product Information
Table 1.5 and Table 1.6 list the product information and Figure 1.1 shows the details of the part number.
Notes:
1.
The old package codes are as follows:PLQP0100KB-A: 100P6Q-A, PLQP0144KA-A: 144P6Q-A
2.
Data flash memory provides an additional 8 Kbytes of ROM capacity.
Table 1.5
R32C/118 Group Product List for Normal Speed Version (1/2)
As of June, 2010
Part Number
Package Code (1)
ROM Capacity (2)
RAM Capacity
Remarks
R5F64185NFD
(P)
PLQP0144KA-A
384 Kbytes
+ 8 Kbytes
40 Kbytes
-20°C to 85°C (version N)
R5F64185DFD
-40°C to 85°C (version D)
R5F64185PFD
-40°C to 85°C (version P)
R5F64185NFB
(P)
PLQP0100KB-A
-20°C to 85°C (version N)
R5F64185DFB
-40°C to 85°C (version D)
R5F64185PFB
-40°C to 85°C (version P)
R5F64186NFD
(P)
PLQP0144KA-A
512 Kbytes
+ 8 Kbytes
-20°C to 85°C (version N)
R5F64186DFD
-40°C to 85°C (version D)
R5F64186PFD
-40°C to 85°C (version P)
R5F64186NFB
(P)
PLQP0100KB-A
-20°C to 85°C (version N)
R5F64186DFB
-40°C to 85°C (version D)
R5F64186PFB
-40°C to 85°C (version P)
R5F64187NFD
(P)
PLQP0144KA-A
640 Kbytes
+ 8 Kbytes
48 Kbytes
-20°C to 85°C (version N)
R5F64187DFD
-40°C to 85°C (version D)
R5F64187PFD
-40°C to 85°C (version P)
R5F64187NFB
(P)
PLQP0100KB-A
-20°C to 85°C (version N)
R5F64187DFB
-40°C to 85°C (version D)
R5F64187PFB
-40°C to 85°C (version P)
R5F64188NFD
(P)
PLQP0144KA-A
768 Kbytes
+ 8 Kbytes
63 Kbytes
-20°C to 85°C (version N)
R5F64188DFD
-40°C to 85°C (version D)
R5F64188PFD
-40°C to 85°C (version P)
R5F64188NFB
(P)
PLQP0100KB-A
-20°C to 85°C (version N)
R5F64188DFB
-40°C to 85°C (version D)
R5F64188PFB
-40°C to 85°C (version P)
R5F64189NFD
(P)
PLQP0144KA-A
1 Mbyte
+ 8 Kbytes
-20°C to 85°C (version N)
R5F64189DFD
-40°C to 85°C (version D)
R5F64189PFD
-40°C to 85°C (version P)
R5F64189NFB
(P)
PLQP0100KB-A
-20°C to 85°C (version N)
R5F64189DFB
-40°C to 85°C (version D)
R5F64189PFB
-40°C to 85°C (version P)
(D): Under development (P): On planning phase


Similar Part No. - R5F64188HNFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F64188HNFB RENESAS-R5F64188HNFB Datasheet
916Kb / 126P
   RENESAS MCU
More results

Similar Description - R5F64188HNFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com