Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN6755 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FAN6755
Description  Highly Integrated Green-Mode PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6755 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN6755_10 Datasheet HTML 7Page - Fairchild Semiconductor FAN6755_10 Datasheet HTML 8Page - Fairchild Semiconductor FAN6755_10 Datasheet HTML 9Page - Fairchild Semiconductor FAN6755_10 Datasheet HTML 10Page - Fairchild Semiconductor FAN6755_10 Datasheet HTML 11Page - Fairchild Semiconductor FAN6755_10 Datasheet HTML 12Page - Fairchild Semiconductor FAN6755_10 Datasheet HTML 13Page - Fairchild Semiconductor FAN6755_10 Datasheet HTML 14Page - Fairchild Semiconductor FAN6755_10 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6755 • Rev. 1.0.1
11
Functional Description
Startup Current
For startup, the HV pin is connected to the line input
(1N4007 / 100KΩ recommended) or bulk capacitor
through a resistor, RHV. Startup current drawn from pin
HV (typically 3.5mA) charges the hold-up capacitor
through the diode and resistor. When the VDD capacitor
level reaches VDD-ON, the startup current switches off. At
this moment, the VDD capacitor only supplies the
FAN6755 to maintain VDD before the auxiliary winding of
the main transformer to provide the operating current.
Operating Current
Operating current is around 2mA. The low operating
current enables better efficiency and reduces the
requirement of VDD hold-up capacitance.
Green-Mode Operation
The proprietary green-mode function provides an off-
time modulation to reduce the switching frequency in
light-load and no-load conditions. The on time is limited
for better abnormal or brownout protection. VFB, which is
derived from the voltage feedback loop, is taken as the
reference. Once VFB is lower than the threshold voltage,
switching frequency is continuously decreased to the
minimum green-mode frequency of around 23KHz.
Current Sensing / PWM Current Limiting
Peak-current-mode control is utilized to regulate output
voltage and provide pulse-by-pulse current limiting. The
switch current is detected by a sense resistor into the
SENSE pin. The PWM duty cycle is determined by this
current sense signal and VFB, the feedback voltage.
When the voltage on the SENSE pin reaches around
VCOMP=(VFB–0.6)/4, a switch cycle is terminated
immediately. VCOMP is internally clamped to a variable
voltage around 0.83V for output power limit.
Leading-Edge Blanking (LEB)
Each time the power MOSFET is switched on, a turn-on
spike occurs on the sense resistor. To avoid premature
termination of the switching pulse, a leading-edge
blanking time is built in. During this blanking period, the
current-limit comparator is disabled and cannot switch
off the gate driver.
Under-Voltage Lockout (UVLO)
The turn-on and turn-off thresholds are fixed internally
at 16V and 7.8V in normal mode. During startup, the
hold-up capacitor must be charged to 16V through the
startup resistor to enable the IC. The hold-up capacitor
continues to supply VDD before the energy can be
delivered from auxiliary winding of the main transformer.
VDD must not drop below 7.8V during startup. This
UVLO hysteresis window ensures that the hold-up
capacitor is adequate to supply VDD during startup.
Gate Output / Soft Driving
The BiCMOS output stage is a fast totem-pole gate
driver. Cross conduction has been avoided to minimize
heat dissipation, increase efficiency, and enhance
reliability. The output driver is clamped by an internal
18V Zener diode to protect power MOSFET transistors
against undesirable gate over voltage. A soft driving
waveform is implemented to minimize EMI.
Soft-Start
For many applications, it is necessary to minimize the
inrush current at startup. The built-in 5.5ms soft-start
circuit significantly reduces the startup current spike
and output voltage overshoot.
Slope Compensation
The sensed voltage across the current-sense resistor is
used for peak-current-mode control and pulse-by-pulse
current limiting. Built-in slope compensation improves
stability
and
prevents
sub-harmonic
oscillation.
FAN6755 inserts a synchronized positive-going ramp at
every switching cycle.
Constant Output Power Limit
For constant output power limit over universal input-
voltage range, the peak-current threshold is adjusted by
the voltage of the VIN pin. Since the VIN pin is
connected to the rectified AC input line voltage through
the resistive divider, a higher line voltage generates a
higher VIN voltage. The threshold voltage decreases as
VIN increases, making the maximum output power at
high-line input voltage equal to that at low-line input.
The value of R-C network should not be so large that it
affects the power limit (shown in Figure 21). Usually, R
and C should be less than 100
Ω and 470pF,
respectively.
Figure 21.
Current-Sense R-C Filter


Similar Part No. - FAN6755_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6755MY FAIRCHILD-FAN6755MY Datasheet
851Kb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6755UW FAIRCHILD-FAN6755UW Datasheet
1Mb / 17P
   mWSaver??PWM Controller
FAN6755UWMY FAIRCHILD-FAN6755UWMY Datasheet
1Mb / 17P
   mWSaver??PWM Controller
FAN6755W FAIRCHILD-FAN6755W Datasheet
1Mb / 17P
   mWSaver??PWM Controller
FAN6755WMY FAIRCHILD-FAN6755WMY Datasheet
1Mb / 17P
   mWSaver??PWM Controller
More results

Similar Description - FAN6755_10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com