Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FODM8071R2 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FODM8071R2
Description  3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FODM8071R2 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FODM8071R2 Datasheet HTML 4Page - Fairchild Semiconductor FODM8071R2 Datasheet HTML 5Page - Fairchild Semiconductor FODM8071R2 Datasheet HTML 6Page - Fairchild Semiconductor FODM8071R2 Datasheet HTML 7Page - Fairchild Semiconductor FODM8071R2 Datasheet HTML 8Page - Fairchild Semiconductor FODM8071R2 Datasheet HTML 9Page - Fairchild Semiconductor FODM8071R2 Datasheet HTML 10Page - Fairchild Semiconductor FODM8071R2 Datasheet HTML 11Page - Fairchild Semiconductor FODM8071R2 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
©2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FODM8071 Rev. 1.0.7
8
Schematics
Figure 12. Test Circuit for Propagation Delay Time, Rise Time and Fall Time
Figure 13. Test Circuit for Instantaneous Common Mode Rejection Voltage
Output
VO
Monitoring
Node
tPHL
CL = 15pF
RIN
VCC
0.1µF
Pulse Gen.
tf = tr = 5ns
ZO = 50Ω
Input
Monitoring
Node
tf
tr
tPLH
IF = 5mA
50%
VOL
90%
50%
10%
90%
10%
Input
VOL
Pulse Gen
VCM
VCM
CMH
CML
VFF
VDD
A
B
IF
0.1µF
Bypass
Output
(Vo)
VOH
GND
0.8 x VDD
Switching Pos. (A), IF = 0
Switching Pos. (B), IF = 5mA
0.8V


Similar Part No. - FODM8071R2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM8071R2 FAIRCHILD-FODM8071R2 Datasheet
363Kb / 13P
   3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
logo
ON Semiconductor
FODM8071R2 ONSEMI-FODM8071R2 Datasheet
258Kb / 11P
   3.3 V/5 V Logic Gate Output Optocoupler with High Noise Immunity
January, 2023 - Rev. 2
More results

Similar Description - FODM8071R2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM8071 FAIRCHILD-FODM8071 Datasheet
363Kb / 13P
   3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
FOD8001R2 FAIRCHILD-FOD8001R2 Datasheet
624Kb / 12P
   High Noise Immunity, 3.3V/5V Logic Gate Optocoupler
FOD8001 FAIRCHILD-FOD8001 Datasheet
624Kb / 12P
   High Noise Immunity, 3.3V/5V Logic Gate Optocoupler
FODM8061 FAIRCHILD-FODM8061 Datasheet
382Kb / 12P
   High Noise Immunity, 3.3V/5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
FODM8061 FAIRCHILD-FODM8061_10 Datasheet
387Kb / 12P
   High Noise Immunity, 3.3V/5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
logo
ON Semiconductor
FODM8061 ONSEMI-FODM8061 Datasheet
714Kb / 14P
   High Noise Immunity, 3.3V/5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
Rev. 2
FODM8061 ONSEMI-FODM8061_V01 Datasheet
239Kb / 11P
   High Noise Immunity, 3.3V/5V, 10 Mbit/sec Logic Gate Output (Open Collector) Optocoupler
August, 2022 - Rev. 3
logo
Fairchild Semiconductor
FODM611 FAIRCHILD-FODM611_10 Datasheet
396Kb / 12P
   High Noise Immunity, 5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
FODM611 FAIRCHILD-FODM611 Datasheet
370Kb / 12P
   High Noise Immunity, 5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
logo
ON Semiconductor
FODM8071 ONSEMI-FODM8071 Datasheet
258Kb / 11P
   3.3 V/5 V Logic Gate Output Optocoupler with High Noise Immunity
January, 2023 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com