Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJG1519KC1 Datasheet(PDF) 10 Page - New Japan Radio

Part # NJG1519KC1
Description  SP4T SWITCH GaAs MMIC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1519KC1 Datasheet(HTML) 10 Page - New Japan Radio

Back Button NJG1519KC1 Datasheet HTML 6Page - New Japan Radio NJG1519KC1 Datasheet HTML 7Page - New Japan Radio NJG1519KC1 Datasheet HTML 8Page - New Japan Radio NJG1519KC1 Datasheet HTML 9Page - New Japan Radio NJG1519KC1 Datasheet HTML 10Page - New Japan Radio NJG1519KC1 Datasheet HTML 11Page - New Japan Radio NJG1519KC1 Datasheet HTML 12Page - New Japan Radio NJG1519KC1 Datasheet HTML 13Page - New Japan Radio NJG1519KC1 Datasheet HTML 14Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
NJG1519KC1
- 10 -
nELECTRICAL CHARACTERISTICS (with application circuit)
Switching speed
(VCTL1=3.0V, VCTL2=0V)
1.2V
-800mV
200mV
/div
trlg’d
-94ns
406ns
50ns/div
80nsec


Similar Part No. - NJG1519KC1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1512V NJRC-NJG1512V Datasheet
247Kb / 10P
   SPDT SWITCH GaAs MMIC
NJG1515AVB2 NJRC-NJG1515AVB2 Datasheet
549Kb / 18P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1515AVB2-C1 NJRC-NJG1515AVB2-C1 Datasheet
549Kb / 18P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1515AVB2-C10 NJRC-NJG1515AVB2-C10 Datasheet
549Kb / 18P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1515AVB2-C2 NJRC-NJG1515AVB2-C2 Datasheet
549Kb / 18P
   TDMA ANTENNA SWITCH GaAs MMIC
More results

Similar Description - NJG1519KC1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1663K44 NJRC-NJG1663K44 Datasheet
349Kb / 12P
   X-SP4T SWITCH GaAs MMIC
NJG1684ME2 NJRC-NJG1684ME2 Datasheet
486Kb / 11P
   HIGH POWER SP4T SWITCH GaAs MMIC
logo
Hittite Microwave Corpo...
HMC165S14 HITTITE-HMC165S14_01 Datasheet
192Kb / 6P
   GaAs MMIC SP4T SWITCH DC - 2.0 GHz
HMC1084LC4 HITTITE-HMC1084LC4 Datasheet
1Mb / 6P
   GaAs MMIC SP4T REFLECTIVE SWITCH 23 - 30 GHz
logo
M/A-COM Technology Solu...
MASW4060G MA-COM-MASW4060G Datasheet
97Kb / 3P
   GaAs SP4T Switch
logo
Hittite Microwave Corpo...
HMC944LC4 HITTITE-HMC944LC4 Datasheet
694Kb / 4P
   GaAs MMIC SP4T REFLECTIVE SWITCH, 23 - 30 GHz
HMC165S14 HITTITE-HMC165S14 Datasheet
62Kb / 4P
   GaAS MMIC SP4T SWITCH DC TO 2.0 GHz
HMC-C071 HITTITE-HMC-C071 Datasheet
231Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC182S14 HITTITE-HMC182S14_08 Datasheet
204Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 2 GHz
HMC641 HITTITE-HMC641 Datasheet
169Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 18 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com