Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3734EUH Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3734EUH
Description  Single-Phase, High Efficiency DC/DC Controller for Intel Mobile CPUs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3734EUH Datasheet(HTML) 4 Page - Linear Technology

  LTC3734EUH Datasheet HTML 1Page - Linear Technology LTC3734EUH Datasheet HTML 2Page - Linear Technology LTC3734EUH Datasheet HTML 3Page - Linear Technology LTC3734EUH Datasheet HTML 4Page - Linear Technology LTC3734EUH Datasheet HTML 5Page - Linear Technology LTC3734EUH Datasheet HTML 6Page - Linear Technology LTC3734EUH Datasheet HTML 7Page - Linear Technology LTC3734EUH Datasheet HTML 8Page - Linear Technology LTC3734EUH Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
LTC3734
3734f
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VPVCC = VSVCC = 5V, VRUN/SS = 5V unless otherwise noted.
Note 4: The LTC3734 is tested in a feedback loop that servos VITH to a
specified voltage and measures the resultant VFB.
Note 5: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See Applications Information.
Note 6: Rise and fall times are measured using 10% and 90% levels. Delay
times are measured using 50% levels.
Note 7: The minimum on-time condition corresponds to the on inductor
peak-to-peak ripple current
≥40% IMAX (see Minimum On-Time
Considerations in the Applications Information section).
Note 8: The ATTENERR specification is in addition to the output voltage
accuracy specified at VID code = 010110.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC3734E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
LTC3734EUH: TJ = TA + (PD • 34°C/W)
TYPICAL PERFOR A CE CHARACTERISTICS
Active Mode Efficiency
(VID = 1.186V, PSI = 0) (Figure 9)
Deeper Sleep Mode Efficiency
(Figure 9)
Efficiency vs Input Voltage
(Figure 9)
INPUT VOLTAGE (V)
5
70
80
3734 G03
60
50
10
15
20
100
90
IOUT = 20A
VOUT = 1.6V
IOUT (A)
0
8
3735 GO1
2
4
6
10
100
90
80
70
60
VIN = 7.5V
VIN = 20V
90
80
70
60
IOUT (A)
0.01
3734 G02
0.1
1
10
VIN = 7.5V
VIN = 20V
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Operational Amp
IB
Input Bias Current
15
200
nA
VOS
Input Offset Voltage Magnitude
VOA
+ = VOA– 1.2V, IOUT = 1mA
0.8
5
mV
CM
Common Mode Input Voltage Range
0
PVCC – 1.4
V
CMRR
Common Mode Rejection Ratio
IOUT = 1mA
46
70
dB
ICL
Output Source Current
10
35
mA
AVOL
Open-Loop DC Gain
IOUT = 1mA
30
V/mV
GBP
Gain-Bandwidth Product
IOUT = 1mA
2
MHz
SR
Slew Rate
RL = 2k
5
V/
μs
VO(MAX)
Maximum High Output Voltage
IOUT = 1mA
PVCC – 1.2PVCC – 0.9
V


Similar Part No. - LTC3734EUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3734 LINER-LTC3734 Datasheet
398Kb / 32P
   2-Phase, High Efficiency DC/DC Controller for Intel Mobile CPUs
LTC3734 LINER-LTC3734 Datasheet
302Kb / 28P
   Single-Phase, High Efficiency DC/DC Controller for Intel Mobile CPUs
LTC3734 LINER-LTC3734_15 Datasheet
302Kb / 28P
   Single-Phase, High Efficiency DC/DC Controller for Intel Mobile CPUs
More results

Similar Description - LTC3734EUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3734 LINER-LTC3734_15 Datasheet
302Kb / 28P
   Single-Phase, High Efficiency DC/DC Controller for Intel Mobile CPUs
LTC3735 LINER-LTC3735_15 Datasheet
401Kb / 32P
   2-Phase, High Efficiency DC/DC Controller for Intel Mobile CPUs
LTC3735 LINER-LTC3735 Datasheet
398Kb / 32P
   2-Phase, High Efficiency DC/DC Controller for Intel Mobile CPUs
logo
Analog Devices
ADP3421 AD-ADP3421 Datasheet
146Kb / 12P
   Geyserville-Enabled DC-DC Converter Controller for Mobile CPUs
REV. A
logo
Linear Technology
LTC3816 LINER-LTC3816_15 Datasheet
763Kb / 44P
   Single-Phase Wide VIN Range DC/DC Controller for Intel IMVP-6/IMVP-6.5 CPUs
logo
Renesas Technology Corp
ISL95821 RENESAS-ISL95821 Datasheet
185Kb / 2P
   Three Phase PWM Controller for Intel VR12.5??CPUs
ISL6264 RENESAS-ISL6264 Datasheet
1Mb / 23P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
logo
Intersil Corporation
ISL6264 INTERSIL-ISL6264 Datasheet
433Kb / 24P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
ISL6261 INTERSIL-ISL6261 Datasheet
1Mb / 34P
   Single-Phase Core Regulator for IMVP-6 Mobile CPUs
ISL6261A INTERSIL-ISL6261A Datasheet
1Mb / 34P
   Single-Phase Core Regulator for IMVP-6 Mobile CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com