Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4428CPA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4428CPA
Description  Dual High-Speed 1.5A MOSFET Drivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4428CPA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4428CPA Datasheet HTML 1Page - Maxim Integrated Products MAX4428CPA Datasheet HTML 2Page - Maxim Integrated Products MAX4428CPA Datasheet HTML 3Page - Maxim Integrated Products MAX4428CPA Datasheet HTML 4Page - Maxim Integrated Products MAX4428CPA Datasheet HTML 5Page - Maxim Integrated Products MAX4428CPA Datasheet HTML 6Page - Maxim Integrated Products MAX4428CPA Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Dual High-Speed 1.5A MOSFET Drivers
19-0132; Rev 2; 6/06
Ordering Information continued on last page.
*Dice are tested at TA = +25°C.
**Contact factory for availability and processing to MIL-STD-883.
Pin Configurations
Typical Operating Circuit
General Description
The MAX4426/4427/4428 are dual monolithic MOSFET
drivers designed to translate TTL/CMOS inputs to high
voltage/current outputs. The MAX4426 is a dual inverting
power MOSFET driver. The MAX4427 is a dual noninvert-
ing power MOSFET driver, and the MAX4428 contains
one inverting section and one noninverting section.
Delay times are nearly independent of VDD (see Typical
Operating Characteristics). High-current output drivers
rapidly charge and discharge the gate capacitance of
even the largest power MOSFETs to within millivolts of
the supply rails. This produces the power MOSFETs'
minimum on resistance. The MAX4426/4427/4428's high
speed minimizes power losses in switching power sup-
plies and DC-DC converters.
Applications
Switching Power Supplies
DC-DC Converters
Motor Controllers
Pin-Diode Drivers
Charge-Pump Voltage Inverters
Features
S
Upgrade for TSC4426/4427/4428
S
Lower On Resistance: 4Ω vs. 7Ω
S
Shorter Delay Times: tD1 - 10ns vs. 30ns
tD2 - 25ns vs. 50ns
S
1.5A Peak Output Current
S
Fast Rise and Fall Times: Typically 20ns with
1000pF Load
S
Wide Operating Range: 4.5V to 18V
S
Low Power Consumption: 1.8mA with Logic 1 Input
200µA with Logic 0 Input
S
TTL/CMOS Compatible
S
Latchup Protected-Withstand > 500mA Reverse
Current
S
ESD Protected
Ordering Information
1
N.C.
8
2, 4
7, 5
TOP VIEW
INVERTING
N.C.
2
INA
7 OUTA
3
GND
6 VDD
4
INB
5 OUTB
OUTA
DIP/SO
1
N.C.
8
2, 4
7, 5
NONINVERTING
N.C.
2
INA
7 OUTA
3
GND
6 VDD
4
INB
5 OUTB
DIP/SO
1
N.C.
8
2
7
N.C.
2
INA
7
3
GND
6 VDD
4
INB
5 OUTB
4
5
DIP/SO
MAX4426
MAX4427
MAX4428
4.7µF
0.1µF
INPUT
INPUT
OUTPUT*
OUTPUT*
A
B
VDD = +18V
MAX4426
PART
TEMP RANGE
PIN-PACKAGE
MAX4426CPA
0NC to +70NC
8 Plastic DIP
MAX4426CSA
0NC to +70NC
8 SO
MAX4426C/D
0NC to +70NC
Dice*
MAX4426EPA
-40NC to +85NC
8 Plastic DIP
MAX4426ESA
-40NC to +85NC
8 SO
MAX4426EJA
-40NC to +85NC
8 CERDIP
MAX4426MJA
-55NC to +125NC
8 CERDIP**


Similar Part No. - MAX4428CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4428CPA MAXIM-MAX4428CPA Datasheet
204Kb / 6P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 1; 3/93
More results

Similar Description - MAX4428CPA

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM4426 CALOGIC-CLM4426 Datasheet
47Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
AS4426P CALOGIC-AS4426P Datasheet
56Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
MAX4426 MAXIM-MAX4426 Datasheet
204Kb / 6P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 1; 3/93
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426M MICROCHIP-TC4426M Datasheet
209Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2005
TC4426 MICROCHIP-TC4426_V01 Datasheet
976Kb / 28P
   1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
TC426 MICROCHIP-TC426_13 Datasheet
514Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com