Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD-30C-5 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # PSD-30C-5
Description  30W Single Output DC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PSD-30C-5 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  PSD-30C-5 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PSD-30C-5 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
DeratingCurve
FileName:PSD-30-SPEC2010-04-26
Unit:mm
AMBIENTTEMPERATURE(
)
100
0
-10
20
40
60
80
-20
10
20
30
40
45
(
)
HORIZONTAL
30WSingleOutputDC-DCConverter
P S D - 3 0 series
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
POWER
SWITCH-
FILTER
&
RECTIFIERS
+V
-V
I/P
ING
CONTROL
O.V.P.
3.175
3
1
95.25
101.6
CN1
4-r
3.2
M1
M2
2
55
DCOutputConnector(CN2):JST B4P-VH-Borequivalent
PinNo.
1,2
3,4
Assignment
+V
-V
MatingHousing
Terminal
orequivalent
ACInputConnector(CN1):JST B3P-VH-Borequivalent
PinNo.
1
3
Assignment
MatingHousing
JST SVH-21T-P1.1
orequivalent
Terminal
DC+
DC-
JST VHR
orequivalent
JST VHR
orequivalent
JST SVH-21T-P1.1
2
NC
CN2
4
3
2
1
PSD-30A
PSD-30B-5
PSD-30C-5
PSD-30B-12/24
PSD-30C-12/24
BlockDiagram


Similar Part No. - PSD-30C-5

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PSD-30C-5 MEANWELL-PSD-30C-5 Datasheet
355Kb / 2P
   30W Single Output DC-DC ConverterV
More results

Similar Description - PSD-30C-5

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S24SE3R307NDFA DELTA-S24SE3R307NDFA Datasheet
1Mb / 15P
   30W Single/Dual Output DC/DC Converter
S24SE05006NDFA DELTA-S24SE05006NDFA Datasheet
1Mb / 15P
   30W Single/Dual Output DC/DC Converter
logo
Minmax Technology Co., ...
MPW2000 MINMAX-MPW2000_15 Datasheet
658Kb / 7P
   DC/DC CONVERTER 30W, Single & Dual Output
logo
Mean Well Enterprises C...
SKM30 MEANWELL-SKM30_12 Datasheet
197Kb / 1P
   30W DC-DC Regulated Single Output Converter
logo
Chinfa Electronics Ind....
WDD30U CHINFA-WDD30U_14 Datasheet
226Kb / 4P
   DC - DC CONVERTER 23 ~ 30W SINGLE & DUAL OUTPUT
WDD30-03S1U CHINFA-WDD30-03S1U_10 Datasheet
228Kb / 4P
   DC - DC CONVERTER 23 ~ 30W SINGLE & DUAL OUTPUT
FDD25-03S1 CHINFA-FDD25-03S1 Datasheet
327Kb / 4P
   DC - DC CONVERTER 20 ~ 30W SINGLE & DUAL OUTPUT
FDD25 CHINFA-FDD25_10 Datasheet
221Kb / 4P
   DC - DC CONVERTER 20 ~ 30W SINGLE & DUAL OUTPUT
FDD25 CHINFA-FDD25_14 Datasheet
203Kb / 4P
   DC - DC CONVERTER 20 ~ 30W SINGLE & DUAL OUTPUT
WDD30-03S1U CHINFA-WDD30-03S1U Datasheet
220Kb / 4P
   DC - DC CONVERTER 23 ~ 30W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com