Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD669-X-T92B Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SD669-X-T92B
Description  BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD669-X-T92B Datasheet(HTML) 1 Page - Unisonic Technologies

  2SD669-X-T92B Datasheet HTML 1Page - Unisonic Technologies 2SD669-X-T92B Datasheet HTML 2Page - Unisonic Technologies 2SD669-X-T92B Datasheet HTML 3Page - Unisonic Technologies 2SD669-X-T92B Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SD669/A
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R204-005,H
BIPOLAR POWER GENERAL
PURPOSE TRANSISTOR
APPLICATIONS
* Low frequency power amplifier complementary pair with UTC
2SB649/A
SOT-223
SOT-89
TO-92NL
1
TO-92
1
1
TO-251
TO-252
1
TO-126
TO-126C
1
1
1
1
Lead-free:
2SD669L/2SD669AL
Halogen-free:2SD669G/2SD669AG
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free
Halogen Free
Package
1
2
3
Packing
2SD669x-x-AA3-R
2SD669xL-x-AA3-R 2SD669xG-x-AA3-R
SOT-223
B
C
E
Tape Reel
2SD669x-x-AB3-R
2SD669xL-x-AB3-R 2SD669xG-x-AB3-R
SOT-89
B
C
E
Tape Reel
2SD669x-x-T60-K
2SD669xL-x-T60-K 2SD669xG-x-T60-K
TO-126
E
C
B
Bulk
2SD669x-x-T6C-K
2SD669xL-x-T6C-K 2SD669xG-x-T6C-K
TO-126C
E
C
B
Bulk
2SD669x-x-T92-B
2SD669xL-x-T92-B 2SD669xG-x-T92-B
TO-92
E
C
B
Tape Box
2SD669x-x-T92-K
2SD669xL-x-T92-K 2SD669xG-x-T92-K
TO-92
E
C
B
Bulk
2SD669x-x-T9N-B
2SD669xL-x-T9N-B 2SD669xG-x-T9N-B
TO-92NL
E
C
B
Tape Box
2SD669x-x-T9N-K
2SD669xL-x-T9N-K 2SD669xG-x-T9N-K
TO-92NL
E
C
B
Bulk
2SD669x-x-TM3-T
2SD669xL-x-TM3-T 2SD669xG-x-TM3-T
TO-251
B
C
E
Tube
2SD669x-x-TN3-R
2SD669xL-x-TN3-R 2SD669xG-x-TN3-R
TO-252
B
C
E
Tape Reel
(1) B: Tape Box, K: Bulk, R: Tape Reel
(2) AA3: SOT-223, AB3: SOT-89, T60: TO-126,
(2) T6C: TO-126C, TM3: TO-251, TN3: TO-252,
(2) T92:TO-92, T9N: TO-92NL
(3) x: refer to Classification of hFE1
(4) G: Halogen Free, L: Lead Free, Blank: Pb/Sn
(5) A: 160V, Blank: 120V
2SD669xL-x-AB3-R
(1)Packing Type
(2)Package Type
(3)Rank
(4)Lead Plating
(5) Collector-Emitter Voltage


Similar Part No. - 2SD669-X-T92B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD669-X-T92-B UTC-2SD669-X-T92-B Datasheet
77Kb / 5P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SD669-X-T92-K UTC-2SD669-X-T92-K Datasheet
77Kb / 5P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
More results

Similar Description - 2SD669-X-T92B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SB649 UTC-2SB649 Datasheet
77Kb / 4P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SB649 UTC-2SB649_11 Datasheet
232Kb / 4P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SB649A UTC-2SB649A_15 Datasheet
300Kb / 5P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SB649 UTC-2SB649_09 Datasheet
194Kb / 4P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SD669 UTC-2SD669_12 Datasheet
138Kb / 4P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SD669 UTC-2SD669 Datasheet
77Kb / 5P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SD669A UTC-2SD669A_15 Datasheet
241Kb / 6P
   BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
logo
Nell Semiconductor Co.,...
2SB649AM NELLSEMI-2SB649AM Datasheet
182Kb / 4P
   Bipolar General Purpose PNP Power Transistor
logo
Seme LAB
BC107 SEME-LAB-BC107 Datasheet
14Kb / 2P
   GENERAL PURPOSE SMALL SIGNAL NPN BIPOLAR TRANSISTOR
logo
New Jersey Semi-Conduct...
BC107 NJSEMI-BC107 Datasheet
92Kb / 2P
   GENERAL PURPOSE SMALL SIGNAL NPN BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com