Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G66DPV66 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVC2G66DPV66
Description  Bilateral switch
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G66DPV66 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC2G66DPV66 Datasheet HTML 5Page - NXP Semiconductors 74LVC2G66DPV66 Datasheet HTML 6Page - NXP Semiconductors 74LVC2G66DPV66 Datasheet HTML 7Page - NXP Semiconductors 74LVC2G66DPV66 Datasheet HTML 8Page - NXP Semiconductors 74LVC2G66DPV66 Datasheet HTML 9Page - NXP Semiconductors 74LVC2G66DPV66 Datasheet HTML 10Page - NXP Semiconductors 74LVC2G66DPV66 Datasheet HTML 11Page - NXP Semiconductors 74LVC2G66DPV66 Datasheet HTML 12Page - NXP Semiconductors 74LVC2G66DPV66 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
74LVC2G66
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 5 — 16 June 2010
9 of 26
NXP Semiconductors
74LVC2G66
Bilateral switch
(1) Tamb = 125 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
(4) Tamb = −40 °C.
(1) Tamb = 125 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
(4) Tamb = −40 °C.
Fig 14. ON resistance as a function of input voltage;
VCC =2.7 V
Fig 15. ON resistance as a function of input voltage;
VCC =3.3 V
001aaa709
VI (V)
0
3.0
2.0
1.0
2.5
1.5
0.5
9
7
11
13
RON
(
Ω)
5
(1)
(2)
(3)
(4)
VI (V)
04
3
12
001aaa710
6
8
10
RON
(
Ω)
4
(1)
(2)
(3)
(4)
(1) Tamb = 125 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
(4) Tamb = −40 °C.
Fig 16. ON resistance as a function of input voltage; VCC =5.0 V
VI (V)
05
4
23
1
001aaa711
5
4
6
7
RON
(
Ω)
3
(2)
(4)
(1)
(3)


Similar Part No. - 74LVC2G66DPV66

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G66DP PHILIPS-74LVC2G66DP Datasheet
144Kb / 22P
   Bilateral switch
Rev. 01-29 June 2004
74LVC2G66DP NXP-74LVC2G66DP Datasheet
134Kb / 23P
   Bilateral switch
Rev. 02-28 August 2007
74LVC2G66DP NXP-74LVC2G66DP Datasheet
147Kb / 24P
   Bilateral switch
Rev. 04-1 July 2008
logo
Nexperia B.V. All right...
74LVC2G66DP NEXPERIA-74LVC2G66DP Datasheet
326Kb / 22P
   Bilateral switch
Rev. 13 - 9 September 2022
74LVC2G66DP-Q100 NEXPERIA-74LVC2G66DP-Q100 Datasheet
287Kb / 20P
   Bilateral switch
More results

Similar Description - 74LVC2G66DPV66

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G66 PHILIPS-74HC1G66 Datasheet
102Kb / 20P
   Bilateral switch
2002 May 15
logo
Nexperia B.V. All right...
74LVC1G66 NEXPERIA-74LVC1G66 Datasheet
316Kb / 21P
   Bilateral switch
Rev. 12 - 12 January 2022
logo
Unisonic Technologies
U74AHC1G66 UTC-U74AHC1G66_09 Datasheet
214Kb / 8P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66 Datasheet
134Kb / 23P
   Bilateral switch
Rev. 02-28 August 2007
logo
Unisonic Technologies
U74HC1G66 UTC-U74HC1G66 Datasheet
201Kb / 6P
   BILATERAL SWITCH
U74AHCT1G66 UTC-U74AHCT1G66 Datasheet
159Kb / 7P
   BILATERAL SWITCH
logo
Toshiba Semiconductor
TC7S66F TOSHIBA-TC7S66F Datasheet
244Kb / 6P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC1G66 PHILIPS-74LVC1G66 Datasheet
151Kb / 22P
   Bilateral switch
2004 Apr 13
logo
Toshiba Semiconductor
TC4S66F TOSHIBA-TC4S66F Datasheet
231Kb / 6P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66_08 Datasheet
147Kb / 24P
   Bilateral switch
Rev. 04-1 July 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com