Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY13322-375LF Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # SKY13322-375LF
Description  0.1-6.0 GHz GaAs SP4T Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY13322-375LF Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

  SKY13322-375LF_10 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY13322-375LF_10 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY13322-375LF_10 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY13322-375LF_10 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY13322-375LF_10 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY13322-375LF_10 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY13322-375LF_10 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY13322-375LF_10 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY13322-375LF_10 Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
DATA SHEET • SKY13322-375LF SP4T SWITCH
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
6
August 4, 2010 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 201098C
RFC
J1
J2
J4
J3
C
BL
C
BL
C
BL
C
BL
V1
V3
V2
V4
GND
S1539
Figure 10. SKY13322-375LF Evaluation Board Assembly Diagram
Component Outline
10X 0.60
10X 0.55
10X 0.25
2X 1.20
Pin 1
R0.20
2X 0.38
Pin 10
0.50
Pitch
Exposed Soldering
Area, Typ.
S1540
Figure 11. SKY13322-375LF PCB Layout Footprint
(Top View)


Similar Part No. - SKY13322-375LF_10

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13322-375LF SKYWORKS-SKY13322-375LF Datasheet
851Kb / 9P
   0.1-6.0 GHz GaAs SP4T Switch
More results

Similar Description - SKY13322-375LF_10

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13322-375LF SKYWORKS-SKY13322-375LF Datasheet
851Kb / 9P
   0.1-6.0 GHz GaAs SP4T Switch
SKY13320-374LF SKYWORKS-SKY13320-374LF Datasheet
163Kb / 9P
   0.1-6.0 GHz GaAs SPDT Switch
SKY13335-381LF SKYWORKS-SKY13335-381LF Datasheet
285Kb / 9P
   0.1-6.0 GHz GaAs SPDT Switch
logo
Analog Devices
HMC7992 AD-HMC7992 Datasheet
339Kb / 13P
   Nonreflective, Silicon SP4T Switch, 0.1 GHz to 6.0 GHz
HMC641A AD-HMC641A Datasheet
296Kb / 10P
   0.1 GHz to 18 GHz, GaAs SP4T Switch
HMC641ALP4E AD-HMC641ALP4E Datasheet
518Kb / 11P
   0.1 GHz to 20 GHz GaAs, Nonreflective, SP4T Switch
logo
Skyworks Solutions Inc.
SKY13314-374LF SKYWORKS-SKY13314-374LF Datasheet
735Kb / 11P
   SKY13314-374LF 0.1-6.0 GHz GaAs SPDT Switch
logo
Hittite Microwave Corpo...
HMC222C12 HITTITE-HMC222C12 Datasheet
122Kb / 6P
   GaAs MMIC SP4T SWITCH NON-REFLECTIVE DC TO 6.0 GHz
logo
List of Unclassifed Man...
RTC6608OSP ETC1-RTC6608OSP Datasheet
149Kb / 7P
   0.1 GHz ??6.0 GHz SPDT Switch
logo
Alpha Industries
AS192-300 ALPHA-AS192-300 Datasheet
28Kb / 2P
   PHEMT GaAs IC High Power SP4T Switch 0.1-2.5 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com